Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 132 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 132 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 128Page - Agere Systems OR3LP26B Datasheet HTML 129Page - Agere Systems OR3LP26B Datasheet HTML 130Page - Agere Systems OR3LP26B Datasheet HTML 131Page - Agere Systems OR3LP26B Datasheet HTML 132Page - Agere Systems OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 184 page
background image
132
132
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
FPGA Configuration Data Format
(continued)
The length and number of data frames and information
on the PROM size for the OR3LP26B is given in Table
44.
Table 44. Configuration Frame Size
Bit Stream Error Checking
There are three different types of bit stream error
checking performed in the
ORCA Series 3+ FPSCs:
ID frame, frame alignment, and CRC checking.
The ID data frame is sent to a dedicated location in the
FPSC. This ID frame contains a unique code for the
device for which it was generated. This device code is
compared to the internal code of the FPSC. Any differ-
ences are flagged as an ID error. This frame is auto-
matically created by the bit stream generation program
in
ORCA Foundry.
Each data and address frame in the FPSC begins with
a frame start pair of bits and ends with eight stop bits
set to 1. If any of the previous stop bits were a 0 when a
frame start pair is encountered, it is flagged as a frame
alignment error.
Error checking is also done on the FPSC for each
frame by means of a checksum byte. If an error is found
on evaluation of the checksum byte, then a
checksum/parity error is flagged.
When any of the three possible errors occur, the FPSC
is forced into an idle state, forcing INIT low. The FPSC
will remain in this state until either the RESET or PRGM
pins are asserted.
If using either of the MPI modes or the PCI embedded
core to configure the FPSC, the specific type of bit
stream error is written to one of the MPI registers or a
PCI register, respectively, by the FPGA configuration
logic. The PGRM bit of the MPI control register or the
PCI embedded core can also be used to reset out of
the error condition and restart configuration.
FPGA Configuration Modes
There are eight methods for configuring the FPSC. Six
of the configuration modes are selected on the M0, M1,
and M2 input and are shown in Table 45. The seventh
mode is PCI bus configuration as previously discussed
and the eighth configuration mode is accessed through
the boundary-scan interface. A fourth input, M3, is
used to select the frequency of the internal oscillator,
which is the source for CCLK in some configuration
modes. The nominal frequencies of the internal oscilla-
tor are 1.25 MHz and 10 MHz. The 1.25 MHz fre-
quency is selected when the M3 input is unconnected
or driven to a high state.
Note that the Master parallel mode of configuration that
is available in the
ORCA Series 3 FPGAs is not avail-
able in the OR3LP26B. This is due to the use of Master
parallel configuration pins for the PCI bus interface.
More information on the general FPGA modes of con-
figuration can be found in the
ORCA Series 3 data
sheet.
Table 45. Configuration Modes
*
Motorola is a registered trademark of Motorola, Inc.
†
Intel is a registered trademark of Intel Corporation.
Devices
OR3LP26B
n of Frames
1880
Data Bits/Frame
292
Configuration Data (# of frames • # of
data bits/frame)
548,960
Maximum Total # Bits/Frame (align
bits, 01 frame start, 8-bit checksum,
eight stop bits)
312
Maximum Configuration Data
(# bits/frame • # of frames)
586,560
Maximum PROM Size (bits)
(add configuration header and postam-
ble)
586,728
M2
M1
M0
CCLK
Configuration
Mode
Data
0
0
0
Output
Master Serial
Serial
0
0
1
Input
Slave Parallel
Parallel
0
1
0
Output
Microprocessor:
Motorola* Pow-
erPC
Parallel
0
1
1
Output
Microprocessor:
Intel
† i960
Parallel
100
Reserved
101
Output
Async Peripheral
Parallel
110
Reserved
1
1
1
Input
Slave Serial
Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com