Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 130 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 130 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 126Page - Agere Systems OR3LP26B Datasheet HTML 127Page - Agere Systems OR3LP26B Datasheet HTML 128Page - Agere Systems OR3LP26B Datasheet HTML 129Page - Agere Systems OR3LP26B Datasheet HTML 130Page - Agere Systems OR3LP26B Datasheet HTML 131Page - Agere Systems OR3LP26B Datasheet HTML 132Page - Agere Systems OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 184 page
background image
130
130
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
FPGA Configuration Data Format
The
ORCA Foundry development system interfaces
with front-end design entry tools and provides tools to
produce a fully configured FPSC. This section dis-
cusses using the
ORCA Foundry development system
to generate configuration RAM data and then provides
the details of the configuration frame format.
Using
ORCA Foundry to Generate
Configuration RAM Data
The configuration data bit stream defines the PCI
embedded core configuration, the FPGA logic function-
ality, and the I/O configuration and interconnection. The
data bit stream is generated by the
ORCA Foundry
development tools. The bit stream created by the bit
stream generation tool is a series of 1s and 0s used to
write the FPSC configuration RAM. It can be loaded
into the FPSC using one of the configuration modes
discussed elsewhere in this data sheet.
For FPSCs, the bit stream is prepared in two separate
steps in the design flow. The configuration options of
the embedded core are specified using
ORCA
OR3LP26B Design Kit Software at the beginning of the
design process. This offers the designer a specific con-
figuration to simulate and design the FPGA logic to.
Upon completion of the design, the bit stream genera-
tor combines the embedded core options and the
FPGA configuration into a single bit stream for down-
load into the FPSC.
FPGA Configuration Data Frame
Configuration data can be presented to the FPSC in
two frame formats: autoincrement and explicit. A
detailed description of the frame formats is shown in
Figure 49, Figure 50, and Table 43. The two modes are
similar except that autoincrement mode uses assumed
address incrementation to reduce the bit stream size,
and explicit mode requires an address for each data
frame. In both cases, the header frame begins with a
series of 1s and a preamble of 0010, followed by a
24-bit length count field representing the total number
of configuration clocks needed to complete the loading
of the FPSC.
The mandatory ID frame contains data used to deter-
mine if the bit stream is being loaded to the correct type
of
ORCA device (i.e., a bit stream generated for an
OR3LP26B is being sent to an OR3LP26B). Error
checking is always enabled for Series 3+ devices,
through the use of an 8-bit checksum. One bit in the ID
frame also selects between the autoincrement and
explicit address modes for this load of the configuration
data.
A configuration data frame follows the ID frame. A data
frame starts with a one-start bit pair and ends with
enough one-stop bits to reach a byte boundary. If using
autoincrement configuration mode, subsequent data
frames can follow. If using explicit mode, one or more
address frames must follow each data frame, telling the
FPSC at what addresses the preceding data frame is to
be stored (each data frame can be sent to multiple
addresses).
Following all data and address frames is the postam-
ble. The format of the postamble is the same as an
address frame with the highest possible address value
with the checksum set to all ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com