Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 127 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 127 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 123Page - Agere Systems OR3LP26B Datasheet HTML 124Page - Agere Systems OR3LP26B Datasheet HTML 125Page - Agere Systems OR3LP26B Datasheet HTML 126Page - Agere Systems OR3LP26B Datasheet HTML 127Page - Agere Systems OR3LP26B Datasheet HTML 128Page - Agere Systems OR3LP26B Datasheet HTML 129Page - Agere Systems OR3LP26B Datasheet HTML 130Page - Agere Systems OR3LP26B Datasheet HTML 131Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 184 page
background image
Lucent Technologies Inc.
127
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
FPSC Configuration (continued)
9.
Write a DWORD of FPSC configuration data to
FCDR. This will set pciregvld in the FCCSR to
active-high, indicating that it holds a valid DWORD
of data. The user should always continue to moni-
tor initn and Done.
10. Read the FCCSR until pciregvld goes inactive-
low, and srempty goes high indicating that the
DWORD it contained has been transferred to the
shift register that feeds the serial configuration data
to the FPSC. The user should always continue to
monitor initn and Done.
11. Repeat steps 9 and 10 until all the configuration
data has been written. The user should always
continue to monitor initn and Done.
12. Read the FCCSR and verify that Done went active-
high, indicating that the configuration was success-
ful.
13. Write configFPGA low.
Readback via PCI interface
The procedure for performing a readback via the PCI
interface is similar to the above procedure for configur-
ing, and also similar to the standard readback proce-
dure. The steps are outlined below:
1. Read the FCCSR until bit 0 goes high. If communi-
cation with the FPSC is underway via the boundary-
scan hardware, this signal will remain inactive-low
until it completes.
2. Write to the FCCSR with rdcfgn active-low. This
enables the readback mode.
3. Read the FCCSR until sregfull goes active-high,
indicating that a DWORD of data is available in reg-
ister FCDR.
4. Read the data from the FCDR.
5. Repeat steps 3 and 4 until all readback data has
been accessed.
6. Write RdCfgN high.
7. Write ConfigFPGA high (no pulse on prgmn)
8. Write all 1s to FCDR
9. Loop on FCCSR until srempty goes high and pcir-
egvld goes low.
10.Write CongfigFPGA low.
Interaction Among Configuration Modes
The basic configuration options, including configuration
via the microprocessor and boundary-scan interfaces,
are performed in a manner identical to that of
ORCA
Series 3 FPGAs. FPSC configuration via the PCI inter-
face is available at any time, either prior to or after the
FPSC has been configured and regardless of the value
to which the FPGA configuration mode pins (M2, M1,
and M0) have been strapped. In addition, a PCI-
directed configuration will override any strapped config-
uration operation already underway, an FPGA configu-
ration via the boundary-scan interface will override one
via the PCI interface, and the PRGM pin overrides
both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com