Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 28 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 28 Page - SPANSION

Back Button S25FS256S Datasheet HTML 24Page - SPANSION S25FS256S Datasheet HTML 25Page - SPANSION S25FS256S Datasheet HTML 26Page - SPANSION S25FS256S Datasheet HTML 27Page - SPANSION S25FS256S Datasheet HTML 28Page - SPANSION S25FS256S Datasheet HTML 29Page - SPANSION S25FS256S Datasheet HTML 30Page - SPANSION S25FS256S Datasheet HTML 31Page - SPANSION S25FS256S Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 154 page
background image
28
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
4.3
Interface States
This section describes the input and output signal levels as related to the SPI interface behavior.
Legend
Z
= No driver - floating signal
HL
= Host driving VIL
HH
= Host driving VIH
HV
= Either HL or HH
X
= HL or HH or Z
HT
= Toggling between HL and HH
ML
= Memory driving VIL
MH
= Memory driving VIH
MV
= Either ML or MH
4.3.1
Power-Off
When the core supply voltage is at or below the VDD (Low) voltage, the device is considered to be powered off.
The device does not react to external signals, and is prevented from performing any program or erase
operation.
4.3.2
Low-Power Hardware Data Protection
When VDD is less than VDD (Cut-off) the memory device will ignore commands to ensure that program and
erase operations can not start when the core supply voltage is out of the operating range.
Table 4.1 Interface States Summary
Interface State
VDD
SCK
CS#
IO3 /
RESET#
WP# / IO2
SO / IO1
SI / IO0
Power-Off
<VDD (low)
X
X
X
X
Z
X
Low-Power Hardware Data Protection
<VDD (cut-off)
X
X
X
X
Z
X
Power-On (Cold) Reset
≥V
DD (min)
X
HH
X
X
Z
X
Hardware (Warm) Reset Non-Quad Mode
≥V
DD (min)
X
X
HL
X
Z
X
Hardware (Warm) Reset Quad Mode
≥V
DD (min)
X
HH
HL
X
Z
X
Interface Standby
≥V
DD (min)
X
HH
X
X
Z
X
Instruction Cycle (Legacy SPI)
≥V
DD (min)
HT
HL
HH
HV
Z
HV
Single Input Cycle
Host to Memory Transfer
≥V
DD (min)
HT
HL
HH
X
Z
HV
Single Latency (Dummy) Cycle
≥V
DD (min)
HT
HL
HH
X
Z
X
Single Output Cycle
Memory to Host Transfer
≥V
DD (min)
HT
HL
HH
X
MV
X
Dual Input Cycle
Host to Memory Transfer
≥V
DD (min)
HT
HL
HH
X
HV
HV
Dual Latency (Dummy) Cycle
≥V
DD (min)
HT
HL
HH
X
X
X
Dual Output Cycle
Memory to Host Transfer
≥V
DD (min)
HT
HL
HH
X
MV
MV
Quad Input Cycle
Host to Memory Transfer
≥V
DD (min)
HT
HL
HV
HV
HV
HV
Quad Latency (Dummy) Cycle
≥V
DD (min)
HT
HL
XXXX
Quad Output Cycle
Memory to Host Transfer
≥V
DD (min)
HT
HL
MV
MV
MV
MV
DDR Quad Input Cycle
Host to Memory Transfer
≥V
DD (min)
HT
HL
HV
HV
HV
HV
DDR Latency (Dummy) Cycle
≥V
DD (min)
HT
HL
MV or Z
MV or Z
MV or Z
MV or Z
DDR Quad Output Cycle
Memory to Host Transfer
≥V
DD (min)
HT
HL
MV
MV
MV
MV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com