Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 40 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 40 Page - SPANSION

Back Button S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION S25FS256S Datasheet HTML 41Page - SPANSION S25FS256S Datasheet HTML 42Page - SPANSION S25FS256S Datasheet HTML 43Page - SPANSION S25FS256S Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
40
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 6.8 Hardware Reset when Quad Mode and IO3 / Reset# are Enabled
6.4
SDR AC Characteristics
Notes:
1. Only applicable as a constraint for WRR or WRAR instruction when SRWD is set to a 1.
2. Full VDD range and CL=30 pF.
3. Full VDD range and CL=15 pF.
4. Output High-Z is defined as the point where data is no longer driven.
5. tCS and tDIS require additional time when the Reset feature and Quad Mode are enabled (CR2V[5]=1 and CR1V[1]=1).
IO3_RESET#
CS#
Reset Pulse
Prior access using IO3 for data
tRP
tRH
tRPH
tC S
tDIS
Table 6.4 AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
FSCK, R
SCK Clock Frequency for READ and 4READ
instructions
DC
50
MHz
FSCK, C
SCK Clock Frequency for FAST_READ,
4FAST_READ, and the following Dual and Quad
commands: QOR, 4QOR, DIOR, 4DIOR, QIOR,
4QIOR
DC
133
MHz
FSCK, D
SCK Clock Frequency for the following DDR
commands: QIOR, 4QIOR
DC
80
MHz
PSCK
SCK Clock Period
1/ FSCK
∞
tWH, tCH
Clock High Time
50% PSCK -5%
50% PSCK +5%
ns
tWL, tCL
Clock Low Time
50% PSCK -5%
50% PSCK +5%
ns
tCRT, tCLCH
Clock Rise Time (slew rate)
0.1
V/ns
tCFT, tCHCL
Clock Fall Time (slew rate)
0.1
V/ns
tCS
CS# High Time (Read Instructions)
CS# High Time (Read Instructions when Reset
feature and Quad Mode are both enabled)
CS# High Time (Program/Erase instructions)
10
20 (5)
50
ns
tCSS
CS# Active Setup Time (relative to SCK)
2
ns
tCSH
CS# Active Hold Time (relative to SCK)
3
ns
tSU
Data in Setup Time
2
ns
tHD
Data in Hold Time
3
ns
tV
Clock Low to Output Valid
8 (2)
6 (3)
ns
tHO
Output Hold Time
1
ns
tDIS
Output Disable Time (4)
Output Disable Time (when Reset feature and Quad
Mode are both enabled)
8
20 (5)
ns
tWPS
WP# Setup Time (1)
20
ns
tWPH
WP# Hold Time (1)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com