Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 83 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 83 Page - SPANSION

Back Button S25FS256S Datasheet HTML 79Page - SPANSION S25FS256S Datasheet HTML 80Page - SPANSION S25FS256S Datasheet HTML 81Page - SPANSION S25FS256S Datasheet HTML 82Page - SPANSION S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
83
Da ta
Shee t
(Prelim i nar y )
9.4.5
Sector Protection States Summary
Each sector can be in one of the following protection states:
 Unlocked — The sector is unprotected and protection can be changed by a simple command. The
protection state defaults to unprotected when the device is shipped from Spansion.
 Dynamically Locked — A sector is protected and protection can be changed by a simple command. The
protection state is not saved across a power cycle or reset.
 Persistently Locked — A sector is protected and protection can only be changed if the PPB Lock bit is set
to 1. The protection state is non-volatile and saved across a power cycle or reset. Changing the protection
state requires programming and or erase of the PPB bits.
9.4.6
Persistent Protection Mode
The Persistent Protection method sets the PPB Lock bit to 1 during POR or hardware reset so that the PPB
bits are unprotected by a device hardware reset. Software reset does not affect the PPB Lock bit. The
PLBWR command can clear the PPB Lock bit to 0 to protect the PPB. There is no command to set the PPB
Lock bit therefore the PPB Lock bit will remain at 0 until the next power-off or hardware reset.
9.4.7
Password Protection Mode
Password Protection mode allows an even higher level of security than the Persistent Sector Protection
mode, by requiring a 64-bit password for unlocking the PPB Lock bit. In addition to this password
requirement, after power-up and hardware reset, the PPB Lock bit is cleared to 0 to ensure protection at
power-up. Successful execution of the Password Unlock command by entering the entire password sets the
PPB Lock bit to 1, allowing for sector PPB modifications.
Password Protection Notes:
 Once the Password is programmed and verified, the Password mode (ASPR[2]=0) must be set in order to
prevent reading the password.
 The Password Program Command is only capable of programming 0s. Programming a 1 after a cell is
programmed as a 0 results in the cell left as a 0 with no programming error set.
 The password is all 1s when shipped from Spansion. It is located in its own memory space and is
accessible through the use of the Password Program, Password Read, RDAR, and WRAR commands.
 All 64-bit password combinations are valid as a password.
 The Password mode, once programmed, prevents reading the 64-bit password and further password
programming. All further program and read commands to the password region are disabled and these
commands are ignored or return undefined data. There is no means to verify what the password is after the
Password Mode Lock bit is selected. Password verification is only allowed before selecting the Password
Protection mode.
 The Protection Mode Lock bits are not erasable.
Table 9.3 Sector Protection States
Protection Bit Values
Sector State
PPB Lock
PPB
DYB
1
1
1
Unprotected – PPB and DYB are changeable.
1
1
0
Protected – PPB and DYB are changeable.
1
0
1
Protected – PPB and DYB are changeable.
1
0
0
Protected – PPB and DYB are changeable.
0
1
1
Unprotected – PPB not changeable, DYB is changeable.
0
1
0
Protected – PPB not changeable, DYB is changeable.
0
0
1
Protected – PPB not changeable, DYB is changeable.
0
0
0
Protected – PPB not changeable, DYB is changeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com