Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 57 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 57 Page - SPANSION

Back Button S25FS256S Datasheet HTML 53Page - SPANSION S25FS256S Datasheet HTML 54Page - SPANSION S25FS256S Datasheet HTML 55Page - SPANSION S25FS256S Datasheet HTML 56Page - SPANSION S25FS256S Datasheet HTML 57Page - SPANSION S25FS256S Datasheet HTML 58Page - SPANSION S25FS256S Datasheet HTML 59Page - SPANSION S25FS256S Datasheet HTML 60Page - SPANSION S25FS256S Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
57
Da ta
Shee t
(Prelim i nar y )
Note: These are condensed tables that use a couple of sectors as references. There are address ranges that
are not explicitly listed. All 4-kB sectors have the pattern XXXX000h-XXXXFFFh. All 64-kB sectors have the
pattern XXX0000h-XXXFFFFh. All 256-kB sectors have the pattern XX00000h-XX3FFFFh, XX40000h-
XX7FFFFh, XX80000h-XXCFFFFh, or XXD0000h-XXFFFFFh.
8.3
ID-CFI Address Space
The RDID command (9Fh) reads information from a separate flash memory address space for device
identification (ID) and Common Flash Interface (CFI) information. See Section 12.4, Device ID and Common
Flash Interface (ID-CFI) Address Map on page 143 for the tables defining the contents of the ID-CFI address
space. The ID-CFI address space is programmed by Spansion and read-only for the host system.
8.4
JEDEC JESD216 Serial Flash Discoverable Parameters (SFDP) Space.
The RSFDP command (5Ah) reads information from a separate flash memory address space for device
identification, feature, and configuration information, in accord with the JEDEC JESD216 standard for Serial
Flash Discoverable Parameters. The ID-CFI address space is incorporated as one of the SFDP parameters.
See Section 12.3, Serial Flash Discoverable Parameters (SFDP) Address Map on page 142 for the tables
defining the contents of the SFDP address space. The SFDP address space is programmed by Spansion and
read-only for the host system.
Table 8.10 S25FS128S Sector Address Map, Bottom 4-kB Sectors, 256-kB Logical Uniform Sectors
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(Byte Address)
Notes
4
8
SA00
00000000h-00000FFFh
Sector Starting Address
—
Sector Ending Address
:
:
SA07
00007000h-00007FFFh
224
1
SA08
00008000h-0003FFFFh
256
63
SA09
00040000h-0007FFFFh
:
:
SA71
00FC0000h-00FFFFFFh
Table 8.11 S25FS128S Sector Address Map, Top 4-kB Sectors, 256-kB Logical Uniform Sectors
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(Byte Address)
Notes
256
63
SA00
00000000h-0003FFFFh
Sector Starting Address
—
Sector Ending Address
::
SA62
00F80000h-00FBFFFFh
224
1
SA63
00FC0000h-00FF7FFFh
48
SA64
00FF8000h-00FF8FFFh
::
SA71
00FFF000h-00FFFFFFh
Table 8.12 S25FS128S Sector and Memory Address Map, Uniform 256-kB Blocks
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(Byte Address)
Notes
256
64
SA00
00000000h-0003FFFFh
Sector Starting Address
—
Sector Ending Address
:
:
SA63
00FC0000h-00FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com