Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 80 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 80 Page - SPANSION

Back Button S25FS256S Datasheet HTML 76Page - SPANSION S25FS256S Datasheet HTML 77Page - SPANSION S25FS256S Datasheet HTML 78Page - SPANSION S25FS256S Datasheet HTML 79Page - SPANSION S25FS256S Datasheet HTML 80Page - SPANSION S25FS256S Datasheet HTML 81Page - SPANSION S25FS256S Datasheet HTML 82Page - SPANSION S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
80
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 9.2 Advanced Sector Protection Overview
The Persistent Protection method sets the PPB Lock bit to 1 during POR, or hardware reset so that the PPB
bits are unprotected by a device reset. There is a command to clear the PPB Lock bit to 0 to protect the PPB.
There is no command in the Persistent Protection method to set the PPB Lock bit to 1, therefore the PPB
Lock bit will remain at 0 until the next power-off or hardware reset. The Persistent Protection method allows
boot code the option of changing sector protection by programming or erasing the PPB, then protecting the
PPB from further change for the remainder of normal system operation by clearing the PPB Lock bit to 0. This
is sometimes called Boot-code controlled sector protection.
Power On / Reset
ASPR[2]=0
ASPR[1]=0
PPBLOCK = 0
PPB Bits Locked
PPBLOCK = 1
PPB Bits Erasable
ASPR Bits Locked
ASPR Bits Locked
ASPR Bits Are
Programmable
and Programmable
Password Unlock
PPBLOCK = 1
PPB Bits Erasable
and Programmable
Password Protection
Persistent Protection
Default
Persistent Protection
PPB Lock Bit Write
PPB Lock Bit Write
PPBLOCK = 0
PPB Bits Locked
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
Password Protection
Mode
protects
the
Persistent Protection
Mode does not
Default Mode allows
protect the PPB after
power up. The bits may
be changed. A PPB
Lock Bit write command
protects the PPB bits
until the next power-off
or reset.
PPB after power up.
A password unlock
command will enable
changes to PPB. A PPB
Lock Bit write command
turns protection back on.
ASPR to be programmed
to permanently select
the Protection mode.
The default mode otherwise
acts the same as the
Persistent Protection Mode.
After one of the protection
modes is selected, ASPR
is no longer programmable,
making the selected protection
mode permanent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com