Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 42 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 42 Page - SPANSION

Back Button S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION S25FS256S Datasheet HTML 41Page - SPANSION S25FS256S Datasheet HTML 42Page - SPANSION S25FS256S Datasheet HTML 43Page - SPANSION S25FS256S Datasheet HTML 44Page - SPANSION S25FS256S Datasheet HTML 45Page - SPANSION S25FS256S Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 154 page
background image
42
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 6.13 WP# Input Timing
6.5
DDR AC Characteristics
.
Notes:
1. CL=15 pF.
2. Output slew rate is measured between 20% and 80% of VDD.
CS#
WP#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
WRR or WRAR Instruction
Input Data
tWPS
tWPH
Table 6.5 AC Characteristics 80 MHz Operation
Symbol
Parameter
Min
Typ
Max
Unit
FSCK, R
SCK Clock Frequency for DDR READ instruction
DC
80
MHz
PSCK, R
SCK Clock Period for DDR READ instruction
12.5
∞
ns
tcrt
Clock Rise Time (slew rate)
1.5
V/ns
tcft
Clock Fall Time (slew rate)
1.5
V/ns
tWH, tCH
Clock High Time
50% PSCK -5%
50% PSCK +5%
ns
tWL, tCL
Clock Low Time
50% PSCK -5%
50% PSCK +5%
ns
tCS
CS# High Time (Read Instructions)
CS# High Time (Read Instructions when Reset
feature is enabled)
10
20
ns
tCSS
CS# Active Setup Time (relative to SCK)
2
ns
tCSH
CS# Active Hold Time (relative to SCK)
3
ns
tSU
IO in Setup Time
1.5
ns
tHD
IO in Hold Time
1.5
ns
tV
Clock Low to Output Valid
1.5
6 (1)
ns
tHO
Output Hold Time
1.5
ns
tDIS
Output Disable Time
Output Disable Time (when Reset feature is
enabled)
8
20
ns
tIHTU
Time uncertainty due to variation in VIH
130
ps
tILTU
Time uncertainty due to variation in VIL
130
ps
tIO_skew
First IO to last IO data valid time
400
ps
tIORT
Output Rise Time given 1.8V swing and 2.0v/ns slew
1.5
ns
tIOFT
Output Fall Time given 1.8V swing and 2.0v/ns slew
1.5
ns
ΔTV
Clock to data valid jitter
80
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com