Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 38 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 38 Page - SPANSION

Back Button S25FS256S Datasheet HTML 34Page - SPANSION S25FS256S Datasheet HTML 35Page - SPANSION S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION S25FS256S Datasheet HTML 41Page - SPANSION S25FS256S Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 154 page
background image
38
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
6.2.1
Capacitance Characteristics
Note:
1. Parameter values are not 100% tested. For more details, please refer to the IBIS models.
6.3
Reset
6.3.1
Power-On (Cold) Reset
The device executes a Power-On Reset (POR) process until a time delay of tPU has elapsed after the
moment that VDD rises above the minimum VDD threshold. See Figure 5.3 on page 35, Table 5.3 on page 34.
The device must not be selected (CS# to go high with VDD) during power-up (tPU), i.e. no commands may be
sent to the device until the end of tPU.
The IO3 / RESET# signal functions as the RESET# input when CS# is high for more than tCS time or when
Quad Mode is not enabled CR1V[1]=0.
RESET# is ignored during POR. If RESET# is low during POR and remains low through and beyond the end
of tPU, CS# must remain high until tRH after RESET# returns high. RESET# must return high for greater than
tRS before returning low to initiate a hardware reset.
Figure 6.4 Reset Low at the End of POR
Figure 6.5 Reset High at the End of POR
Figure 6.6 POR Followed by hardware reset
Table 6.2 Capacitance
Parameter
Test Conditions
Min
Max
Unit
CIN
Input Capacitance (applies to SCK, CS#, IO3/RESET#)
1 MHz
8
pF
COUT
Output Capacitance (applies to All I/O)
1 MHz
8
pF
VCC
RESET#
CS#
If RESET# is low at tPU end
CS# must be high at tPU end
tPU
tRH
VCC
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU
VCC
RESET#
CS#
tRS
tPU
tPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com