Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 96 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 96 Page - SPANSION

Back Button S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION S25FS256S Datasheet HTML 95Page - SPANSION S25FS256S Datasheet HTML 96Page - SPANSION S25FS256S Datasheet HTML 97Page - SPANSION S25FS256S Datasheet HTML 98Page - SPANSION S25FS256S Datasheet HTML 99Page - SPANSION S25FS256S Datasheet HTML 100Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 154 page
background image
96
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 10.11 Write Registers (WRR) Command Sequence – 16-Data Bits
Figure 10.12 Write Registers (WRR) Command Sequence – 16-Data Bits QPI Mode
The Write Registers (WRR) command allows the user to change the values of the Block Protect (BP2, BP1,
and BP0) bits in either the non-volatile Status Register 1 or in the volatile Status Register 1, to define the size
of the area that is to be treated as read-only. The BPNV_O bit (CR1NV[3]) controls whether WRR writes the
non-volatile or volatile version of Status Register 1. When CR1NV[3]=0 WRR writes SR1NV[4:2]. When
CR1NV[3]=1 WRR writes SR1V[4:2].
The Write Registers (WRR) command also allows the user to set the Status Register Write Disable (SRWD)
bit to a 1 or a 0. The Status Register Write Disable (SRWD) bit and Write Protect (WP#) signal allow the BP
bits to be hardware protected.
When the Status Register Write Disable (SRWD) bit of the Status Register is a 0 (its initial delivery state), it is
possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been
set by a Write Enable (WREN) command, regardless of the whether Write Protect (WP#) signal is driven to
the logic high or logic low state.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to a 1, two cases need to be
considered, depending on the state of Write Protect (WP#):
 If Write Protect (WP#) signal is driven to the logic high state, it is possible to write to the Status and
Configuration Registers provided that the Write Enable Latch (WEL) bit has previously been set to a 1 by
initiating a Write Enable (WREN) command.
 If Write Protect (WP#) signal is driven to the logic low state, it is not possible to write to the Status and
Configuration Registers even if the Write Enable Latch (WEL) bit has previously been set to a 1 by a Write
Enable (WREN) command. Attempts to write to the Status and Configuration Registers are rejected, not
accepted for execution, and no error indication is provided. As a consequence, all the data bytes in the
memory area that are protected by the Block Protect (BP2, BP1, BP0) bits of the Status Register, are also
hardware protected by WP#.
The WP# hardware protection can be provided:
 by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (WP#) signal to the logic
low state;
 or by driving Write Protect (WP#) signal to the logic low state after setting the Status Register Write Disable
(SRWD) bit to a 1.
The only way to release the hardware protection is to pull the Write Protect (WP#) signal to the logic high
state. If WP# is permanently tied high, hardware protection of the BP bits can never be activated.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Status Register 1
Input Configuration Register 1
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
4
0
4
0
5
1
5
1
5
1
6
2
6
2
6
2
7
3
7
3
7
3
Instruct.
Input Status
Input Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com