Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 70 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 70 Page - SPANSION

Back Button S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
70
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.5.2
Configuration Register 3 Volatile (CR3V)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Blank Check Volatile CR3V[5]: This bit controls the blank check during erase feature. When this feature is
enabled an erase command first evaluates the Erase Status of the sector. If the sector is found to have not
completed its last erase successfully, the sector is unconditionally erased. If the last erase was successful,
the sector is read to determine if the sector is still erased (blank). The erase operation is started immediately
after finding any programmed zero. If the sector is already blank (no programmed zero bit found) the
remainder of the erase operation is skipped. This can dramatically reduce erase time when sectors being
erased do not need the erase operation. When enabled the blank check feature is used within the parameter
erase, Sector Erase, and Bulk Erase commands. When blank check is disabled an Erase command
unconditionally starts the Erase operation.
02h Volatile CR3V[4]: This bit controls the Page Programming Buffer address wrap point. Legacy SPI
devices generally have used a 256-byte Page Programming Buffer and defined that if data is loaded into the
buffer beyond the 255-byte location, the address at which additional bytes are loaded would be wrapped to
address zero of the buffer. The S25FS-S family provides a 512-byte Page Programming Buffer that can
increase programming performance. For legacy software compatibility, this configuration bit provides the
option to continue the wrapping behavior at the 256-byte boundary or to enable full use of the available
512-byte buffer by not wrapping the load address at the 256-byte boundary.
20h Volatile CR3V[3]: This bit controls the availability of 4-kB parameter sectors in the main flash array
address map. The parameter sectors can overlay the highest or lowest 32-kB address range of the device or
they can be removed from the address map so that all sectors are uniform size. This bit shall not be written to
a value different than the value of CR3NV[3]. The value of CR3V[3] may only be changed by writing
CR3NV[3].
30h Volatile CR3V[2]: This bit controls how the 30h instruction code is used. The instruction may be used as
a Clear Status command or as an alternate Program / Erase Resume command. This allows software
compatibility with either Spansion legacy SPI devices or alternate vendor devices.
D8h Volatile CR3V[1]: This bit controls the area erased by the D8h or DCh instructions. The instruction can
be used to erase 64-kB physical sectors or 256-kB size and aligned blocks. The option to erase 256-kB
blocks in the lower density family members allows for consistent software behavior across all densities that
can ease migration between different densities.
F0h Volatile CR3V[0]: This bit controls the availability of the Spansion legacy FL-S family software reset
instruction. The S25FS-S family supports the industry common 66h + 99h instruction sequence for software
reset. This configuration bit allows the option to continue use of the legacy F0h single command for software
reset.
Table 8.23 Configuration Register 3 Volatile (CR3V)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved
Volatile
CR3NV
Reserved for Future Use.
6
RFU
Reserved
Reserved for Future Use.
5
BC_V
Blank Check
1 = Blank Check during erase enabled.
0 = Blank Check disabled.
4
02h_V
Page Buffer Wrap
1 = Wrap at 512 bytes.
0 = Wrap at 256 bytes.
3
20h_V
4-kB Erase
Volatile,
Read Only
1 = 4-kB Erase disabled (Uniform Sector Architecture).
0 = 4-kB Erase enabled (Hybrid Sector Architecture).
2
30h_V
Clear Status /
Resume Select
Volatile
1 = 30h is Erase or Program Resume command.
0 = 30h is Clear Status command.
1
D8h_V
Block Erase Size
1 = 256-kB Erase.
0 = 64-kB Erase.
0
F0h_V
Legacy Software
Reset Enable
1 = F0h software reset is enabled.
0 = F0h software reset is disabled (ignored).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com