Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 4 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 4 Page - SPANSION

  S25FS256S Datasheet HTML 1Page - SPANSION S25FS256S Datasheet HTML 2Page - SPANSION S25FS256S Datasheet HTML 3Page - SPANSION S25FS256S Datasheet HTML 4Page - SPANSION S25FS256S Datasheet HTML 5Page - SPANSION S25FS256S Datasheet HTML 6Page - SPANSION S25FS256S Datasheet HTML 7Page - SPANSION S25FS256S Datasheet HTML 8Page - SPANSION S25FS256S Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 154 page
background image
4
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
1.
Performance Summary
Table 1.1 Maximum Read Rates
Command
Clock Rate
(MHz)
Mbytes / s
Read
50
6.25
Fast Read
133
16.5
Dual Read
133
33
Quad Read
133
66
Table 1.2 Maximum Read Rates DDR
Command
Clock Rate
(MHz)
Mbytes / s
DDR Quad I/O Read
80
80
Table 1.3 Typical Program and Erase Rates
Operation
kbytes / s
Page Programming (256-bytes Page Buffer)
712
Page Programming (512-bytes Page Buffer)
1080
4-kbyte Physical Sector Erase (Hybrid Sector Option
28
64-kbyte Physical Sector Erase (Hybrid Sector Option)
450
256-kbyte Sector Erase (Uniform Logical Sector Option
450
Table 1.4 Typical Current Consumption (–40
°C to +85°C)
Operation
Current (mA)
Serial Read 50 MHz
10
Serial Read 133 MHz
20
Quad Read 133 MHz
60
Quad DDR Read 80 MHz
70
Program
60
Erase
60
Standby
0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com