Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 20 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 20 Page - SPANSION

Back Button S25FS256S Datasheet HTML 16Page - SPANSION S25FS256S Datasheet HTML 17Page - SPANSION S25FS256S Datasheet HTML 18Page - SPANSION S25FS256S Datasheet HTML 19Page - SPANSION S25FS256S Datasheet HTML 20Page - SPANSION S25FS256S Datasheet HTML 21Page - SPANSION S25FS256S Datasheet HTML 22Page - SPANSION S25FS256S Datasheet HTML 23Page - SPANSION S25FS256S Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 154 page
background image
20
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
The WP# function is not available when the Quad Mode is enabled (CR1V[1]=1). The WP# function is
replaced by IO2 for input and output during Quad Mode for receiving addresses, and data to be programmed
(values are latched on rising edge of the SCK signal) as well as shifting out data (on the falling edge of SCK,
in SDR commands, and on every edge of SCK, in DDR commands).
WP# has an internal pull-up resistance; when unconnected, WP# is at VIH and may be left unconnected in the
host system if not used for Quad Mode or protection.
3.8
IO3 / RESET#
IO3 is used for input and output during Quad Mode (CR1V[1]=1) for receiving addresses, and data to be
programmed (values are latched on rising edge of the SCK signal) as well as shifting out data (on the falling
edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
The IO3 / RESET# signal may also be used to initiate the hardware reset function when the reset feature is
enabled by writing Configuration Register 2 non-volatile bit 5 (CR2V[5]=1). The input is only treated as
RESET# when the device is not in Quad-I/O mode, CR1V[1] = 0, or when CS# is high. When Quad I/O mode
is in use, CR1V[1]=1, and the device is selected with CS# low, the IO3 / RESET# is used only as IO3 for
information transfer. When CS# is high, the IO3 / RESET# is not in use for information transfer and is used as
the RESET# input. By conditioning the reset operation on CS# high during Quad Mode, the reset function
remains available during Quad Mode.
When the system enters a reset condition, the CS# signal must be driven high as part of the reset process
and the IO3 / RESET# signal is driven low. When CS# goes high the IO3 / RESET# input transitions from
being IO3 to being the RESET# input. The reset condition is then detected when CS# remains high and the
IO3 / RESET# signal remains low for tRP. If a reset is not intended, the system is required to actively drive
IO3 / Reset# to high along with CS# being driven high at the end of a transfer of data to the memory.
Following transfers of data to the host system, the memory will drive IO3 high during tCS. This will ensure that
IO3 / Reset is not left floating or being pulled slowly to high by the internal or an external passive pull-up.
Thus, an unintended reset is not triggered by the IO3 / RESET# not being recognized as high before the end
of tRP.
The IO3 / RESET# signal is unused when the reset feature is disabled (CR2V[5]=0).
The IO3 / RESET# signal has an internal pull-up resistor and may be left unconnected in the host system if
not used for Quad Mode or the reset function. The internal pull-up will hold IO3 / RESET high after the host
system has actively driven the signal high and then stops driving the signal.
Note that IO3 / RESET# cannot be shared by more than one SPI-MIO memory if any of them are operating in
Quad I/O mode as IO3 being driven to or from one selected memory may look like a reset signal to a second
non-selected memory sharing the same IO3 / RESET# signal.
3.9
Voltage Supply (VDD)
VDD is the voltage source for all device internal logic. It is the single voltage used for all device internal
functions including read, program, and erase.
3.10
Supply and Signal Ground (VSS)
VSS is the common voltage drain and ground reference for the device core, input signal receivers, and output
drivers.
3.11
Not Connected (NC)
No device internal signal is connected to the package connector nor is there any future plan to use the
connector for a signal. The connection may safely be used for routing space for a signal on a Printed Circuit
Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com