Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 16 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 16 Page - SPANSION

Back Button S25FS256S Datasheet HTML 12Page - SPANSION S25FS256S Datasheet HTML 13Page - SPANSION S25FS256S Datasheet HTML 14Page - SPANSION S25FS256S Datasheet HTML 15Page - SPANSION S25FS256S Datasheet HTML 16Page - SPANSION S25FS256S Datasheet HTML 17Page - SPANSION S25FS256S Datasheet HTML 18Page - SPANSION S25FS256S Datasheet HTML 19Page - SPANSION S25FS256S Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 154 page
background image
16
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
2.3
Glossary
BCD
(Binary Coded Decimal)
A value in which each 4-bit nibble represents a decimal numeral.
Command
All information transferred between the host system and memory during one period while
CS# is low. This includes the instruction (sometimes called an operation code or opcode)
and any required address, mode bits, latency cycles, or data.
DDP
(Dual Die Package)
Two die stacked within the same package to increase the memory capacity of a single
package. Often also referred to as a Multi-Chip Package (MCP).
DDR
(Double Data Rate)
When input and output are latched on every edge of SCK.
Flash
The name for a type of Electrical Erase Programmable Read Only Memory (EEPROM)
that erases large blocks of memory bits in parallel, making the erase operation much
faster than early EEPROM.
High
A signal voltage level
≥ V
IH or a logic level representing a binary one (1).
Instruction
The 8-bit code indicating the function to be performed by a command (sometimes called
an operation code or opcode). The instruction is always the first 8 bits transferred from
host system to the memory in any command.
Low
A signal voltage level
≤ VIL or a logic level representing a binary zero (0).
LSB
(Least Significant Bit)
Generally the right most bit, with the lowest order of magnitude value, within a group of
bits of a register or data value.
MSB
(Most Significant Bit)
Generally the left most bit, with the highest order of magnitude value, within a group of bits
of a register or data value.
N/A
(Not Applicable)
A value is not relevant to situation described.
Non-Volatile
No power is needed to maintain data stored in the memory.
OPN
Ordering Part Number. The alphanumeric string specifying the memory device type,
density, package, factory non-volatile configuration, etc. used to select the desired device.
Page
512-byte or 256-byte aligned and length group of data. The size assigned for a page
depends on the Ordering Part Number.
PCB
Printed Circuit Board.
Register Bit References
Are in the format: Register_name[bit_number] or Register_name[bit_range_MSB:
bit_range_LSB]
SDR
(Single Data Rate)
When input is latched on the rising edge and output on the falling edge of SCK.
Sector
Erase unit size; depending on device model and sector location this may be 4 kbytes,
64 kbytes or 256 kbytes.
Write
An operation that changes data within volatile or non-volatile registers bits or non-volatile
flash memory. When changing non-volatile data, an erase and reprogramming of any
unchanged non-volatile data is done, as part of the operation, such that the non-volatile
data is modified by the write operation, in the same way that volatile data is modified – as
a single operation. The non-volatile data appears to the host system to be updated by the
single write command, without the need for separate commands for erase and reprogram
of adjacent, but unaffected data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com