Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 79 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 79 Page - Intel Corporation

Back Button 376 Datasheet HTML 75Page - Intel Corporation 376 Datasheet HTML 76Page - Intel Corporation 376 Datasheet HTML 77Page - Intel Corporation 376 Datasheet HTML 78Page - Intel Corporation 376 Datasheet HTML 79Page - Intel Corporation 376 Datasheet HTML 80Page - Intel Corporation 376 Datasheet HTML 81Page - Intel Corporation 376 Datasheet HTML 82Page - Intel Corporation 376 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
(Continued)
Clock
Number
Instruction
Format
Counts
of Data
Notes
Cycles
CONTROL TRANSFER
(Continued)
(Direct Intersegment)
Via Call Gate to Same Privilege Level
64 a m
13
acdj
Via Call Gate to Different Privilege Level
(No Parameters)
98 a m
13
acdj
Via Call Gate to Different Privilege Level
(x Parameters)
106 a 8x a m13 a 4x
acdj
From 386 Task to 386 TSS
392
124
acdj
Indirect Intersegment
11111111
mod011
r m
46 a m
10
acdj
Via Call Gate to Same Privilege Level
68 a m
14
acdj
Via Call Gate to Different Privilege Level
(No Parameters)
102 a m
14
acdj
Via Call Gate to Different Privilege Level
(x Parameters)
110 a 8x a m14 a 4x
acdj
From 386 Task to 386 TSS
399
130
acdj
JMP e Unconditional Jump
Short
11101011
8-bit displacement
7 a mj
Direct within Segment
11101001
full displacement
7 a mj
RegisterMemory Indirect within Segment
11111111
mod100
r m
9 a m14 a m
24
aj
Direct Intersegment
11101010
unsigned full offset selector
37 a m
5
cdj
Via Call Gate to Same Privilege Level
53 a m
9
acdj
From 386 Task to 386 TSS
395
124
acdj
Indirect Intersegment
11111111
mod101
r m
37 a m
9
acdj
Via Call Gate to Same Privilege Level
59 a m
13
acdj
From 386 Task to 386 TSS
401
124
acdj
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com