Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 89 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 376 Datasheet HTML 85Page - Intel Corporation 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation 376 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
376 EMBEDDED PROCESSOR
ENCODING OF THE SEGMENT
REGISTER (sreg) FIELD
The sreg field in certain instructions is a 2-bit field
allowing one of the CS DS ES or SS segment regis-
ters to be specified The sreg field in other instruc-
tions is a 3-bit field allowing the FS and GS segment
registers to be specified also
2-Bit sreg2 Field
2-Bit
Segment
sreg2 Field
Register
Selected
00
ES
01
CS
10
SS
11
DS
3-Bit sreg3 Field
3-Bit
Segment
sreg3 Field
Register
Selected
000
ES
001
CS
010
SS
011
DS
100
FS
101
GS
110
do not use
111
do not use
ENCODING OF ADDRESS MODE
Except for special instructions such as PUSH or
POP where the addressing mode is pre-determined
the addressing mode for the current instruction is
specified by addressing bytes following the primary
opcode The primary addressing byte is the ‘‘mod
rm’’ byte and a second byte of addressing informa-
tion the ‘‘s-i-b’’ (scale-index-base) byte can be
specified
The s-i-b byte (scale-index-base byte) is specified
when using 32-bit addressing mode and the ‘‘mod
rm’’ byte has rm e 100 and mod e 00 01 or 10
When the sib byte is present the 32-bit addressing
mode is a function of the mod ss index and base
fields
The primary addressing byte the ‘‘mod rm’’ byte
also contains three bits (shown as TTT in Figure 81)
sometimes used as an extension of the primary op-
code The three bits however may also be used as
a register field (reg)
When calculating an effective address either 16-bit
addressing or 32-bit addressing is used 16-bit ad-
dressing uses 16-bit address components to calcu-
late the effective address while 32-bit addressing
uses 32-bit address components to calculate the ef-
fective address When 16-bit addressing is used the
‘‘mod rm’’ byte is interpreted as a 16-bit addressing
mode specifier When 32-bit addressing is used the
‘‘mod rm’’ byte is interpreted as a 32-bit addressing
mode specifier
Tables on the following three pages define all en-
codings of all 16-bit addressing modes and 32-bit
addressing modes
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com