Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 52 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 376 Datasheet HTML 48Page - Intel Corporation 376 Datasheet HTML 49Page - Intel Corporation 376 Datasheet HTML 50Page - Intel Corporation 376 Datasheet HTML 51Page - Intel Corporation 376 Datasheet HTML 52Page - Intel Corporation 376 Datasheet HTML 53Page - Intel Corporation 376 Datasheet HTML 54Page - Intel Corporation 376 Datasheet HTML 55Page - Intel Corporation 376 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 29
Figure 414 Example Halt Indication Cycle from Non-Pipelined Cycle
SHUTDOWN INDICATION CYCLE
The 80376 shuts down as a result of a protection
fault while attempting to process a double fault Sig-
naling its entrance into the shutdown state a shut-
down indication cycle is performed The shutdown
indication cycle is identified by the state of the bus
definition signals shown in Bus Cycle Definition
Signals
and a byte address of 0 The shutdown indi-
cation cycle must be acknowledged by READY as-
serted A shutdown 80376 resumes execution when
NMI or RESET is asserted
ENTERING AND EXITING HOLD
ACKNOWLEDGE
The bus hold acknowledge state Th is entered in
response to the HOLD input being asserted In the
bus hold acknowledge state the 80376 floats all
outputs or bidirectional signals except for HLDA
HLDA is asserted as long as the 80376 remains in
the bus hold acknowledge state In the bus hold ac-
knowledge state all inputs except HOLD and RE-
SET are ignored
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com