Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 37 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
376 EMBEDDED PROCESSOR
Wait states affect HOLD latency The 80376 will not
honor a HOLD request until the end of the current
bus operation no matter how many wait states are
required Systems with DMA where data transfer is
critical must insure that READY returns sufficiently
soon
COPROCESSOR INTERFACE SIGNALS
(PEREQ BUSY ERROR)
In the following sections are descriptions of signals
dedicated to the numeric coprocessor interface In
addition to the data bus address bus and bus cycle
definition signals these following signals control
communication
between
the
80376
and
the
80387SX processor extension
Coprocessor Request (PEREQ)
When asserted (HIGH) this input signal indicates a
coprocessor request for a data operand to be trans-
ferred tofrom memory by the 80376 In response
the 80376 transfers information between the co-
processor and memory Because the 80376 has in-
ternally stored the coprocessor opcode being exe-
cuted it performs the requested data transfer with
the correct direction and memory address
PEREQ is a level-sensitive active HIGH asynchro-
nous signal Setup and hold times t29 and t30 rela-
tive to the CLK2 signal must be met to guarantee
recognition at a particular clock edge This signal is
provided with a weak internal pull-down resistor of
around 20 KX to ground so that it will not float active
when left unconnected
Coprocessor Busy (BUSY)
When asserted (LOW) this input indicates the co-
processor is still executing an instruction and is not
yet able to accept another When the 80376 en-
counters any coprocessor instruction which oper-
ates on the numerics stack (eg load pop or arith-
metic operation) or the WAIT instruction this input
is first automatically sampled until it is seen to be
inactive This sampling of the BUSY input prevents
overrunning the execution of a previous coprocessor
instruction
The F(N)INIT F(N)CLEX coprocessor instructions
are allowed to execute even if BUSY is active since
these instructions are used for coprocessor initializa-
tion and exception-clearing
BUSY is an active LOW level-sensitive asynchro-
nous signal Setup and hold times t29 and t30 rela-
tive to the CLK2 signal must be met to guarantee
recognition at a particular clock edge This pin is pro-
vided with a weak internal pull-up resistor of around
20 KX to VCC so that it will not float active when left
unconnected
BUSY serves an additional function If BUSY is sam-
pled LOW at the falling edge of RESET the 80376
processor performs an internal self-test (see Bus
Activity During and Following Reset
If BUSY is
sampled HIGH no self-test is performed
Coprocessor Error (ERROR)
When asserted (LOW) this input signal indicates
that the previous coprocessor instruction generated
a coprocessor error of a type not masked by the
coprocessor’s control register This input is automat-
ically sampled by the 80376 when a coprocessor
instruction is encountered and if active the 80376
generates exception 16 to access the error-handling
software
Several coprocessor instructions generally those
which clear the numeric error flags in the coproces-
sor or save coprocessor state do execute without
the
80376
generating
exception
16
even
if
ERROR is active These instructions are FNINIT
FNCLEX
FNSTSW
FNSTSWAX
FNSTCW
FNSTENV and FNSAVE
ERROR is an active LOW level-sensitive asynchro-
nous signal Setup and hold times t29 and t30 rela-
tive to the CLK2 signal must be met to guarantee
recognition at a particular clock edge This pin is pro-
vided with a weak internal pull-up resistor of around
20 KX to VCC so that it will not float active when left
unconnected
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com