Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 25 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation 376 Datasheet HTML 27Page - Intel Corporation 376 Datasheet HTML 28Page - Intel Corporation 376 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
376 EMBEDDED PROCESSOR
vides both isolation and protection for a task’s seg-
ments while still allowing global data to be shared
among tasks
Unlike the 6-byte GDT or IDT registers which contain
a base address and limit the visible portion of the
LDT register contains only a 16-bit selector This se-
lector refers to a Local Descriptor Table descriptor in
the GDT (see Figure 21)
INTERRUPT DESCRIPTOR TABLE
The third table needed for 80376 systems is the In-
terrupt Descriptor Table The IDT contains the de-
scriptors which point to the location of up to 256
interrupt service routines The IDT may contain only
task gates interrupt gates and trap gates The IDT
should be at least 256 bytes in size in order to hold
the descriptors for the 32 Intel Reserved Interrupts
Every interrupt used by a system must have an entry
in the IDT The IDT entries are referenced by INT
instructions external interrupt vectors and excep-
tions
DESCRIPTORS
The object to which the segment selector points to
is called a descriptor Descriptors are eight-byte
quantities which contain attributes about a given
region of linear address space These attributes in-
clude the 32-bit logical base address of the seg-
ment the 20-bit length and granularity of the seg-
ment the protection level read write or execute
privileges and the type of segment All of the attri-
bute information about a segment is contained in 12
bits in the segment descriptor Figure 33 shows the
general format of a descriptor All segments on the
the 80376 have three attribute fields in common the
Present bit (P) the Descriptor Privilege Level bits
(DPL) and the Segment bit (S) Pe1 if the segment
is loaded in physical memory if P e 0 then any
attempt to access the segment causes a not present
exception (exception 11) The DPL is a two-bit field
which specifies the protection level 0 – 3 associated
with a segment
The 80376 has two main categories of segments
system segments and non-system segments (for
code and data) The segment bit S determines if a
given segment is a system segment a code seg-
ment or a data segment If the S bit is 1 then the
segment is either a code or data segment if it is 0
then the segment is a system segment
Note that although the 80376 is limited to a
16-Mbyte Physical address space (224) its base ad-
dress allows a segment to be placed anywhere in a
4-Gbyte linear address space When writing code for
the 80376 users should keep code portability to an
80386 processor (or other processors with a larger
physical address space) in mind A segment base
address can be placed anywhere in this 4-Gbyte lin-
ear address space but a physical address will be
31
0
BYTE
ADDRESS
SEGMENT BASE 150
SEGMENT LIMIT 150
0
BASE
A
LIMIT
BASE
a
4
3124
G10 V
1916
P
DPL
S
TYPE
A
2316
L
BASE
Base Address of the segment
LIMIT
The length of the segment
P
Present Bit
1 e Present
0 e Not Present
DPL
Descriptor Privilege Level 0 – 3
S
Segment Descriptor
0 e System Descriptor
1 e Code or Data Descriptor
TYPE
Type of Segment
A
Accessed Bit
G
Granularity Bit
1 e Segment length is 4 Kbyte Granular
0 e Segment length is byte granular
0
Bit must be zero (0) for compatibility with future processors
AVL
Available field for user or OS
Figure 33 Segment Descriptors
31
0
SEGMENT BASE 150
SEGMENT LIMIT 150
0
BASE
A
LIMIT
ACCESS
BASE
3124
G10 V
1916
RIGHTS
2316
a
4
L
BYTE
G
Granularity Bit
1 e Segment length is 4 Kbyte granular
0 e Segment length is byte granular
0
Bit must be zero (0) for compatibility with future processors
AVL Available field for user or OS
Figure 34 Code and Data Descriptors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com