Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 23 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation 376 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
376 EMBEDDED PROCESSOR
SINGLE-STEP TRAP
If the single-step flag (TF bit 8) in the EFLAG regis-
ter is found to be set at the end of an instruction a
single-step exception occurs The single-step ex-
ception is auto vectored to exception number 1
The Debug Registers are an advanced debugging
feature of the 80376 They allow data access break-
points as well as code execution breakpoints Since
the breakpoints are indicated by on-chip registers
an instruction execution breakpoint can be placed in
ROM code or in code shared by several tasks nei-
ther of which can be supported by the INT 3 break-
point opcode
The 80376 contains six Debug Registers consisting
of four breakpoint address registers and two break-
point control registers Initially after reset break-
points are in the disabled state therefore no break-
points will occur unless the debug registers are
programmed
Breakpoints set up in the Debug
Registers
are
auto-vectored
to
exception
1
Figure 26 shows the breakpoint status and control
registers
30 ARCHITECTURE
The Intel 80376 Embedded Processor has a physi-
cal address space of 16 Mbytes (224 bytes) and al-
lows the running of virtual memory programs of al-
most unlimited size (16 Kbytes c 16 Mbytes or
256 Gbytes (238 bytes)) In addition the 80376 pro-
vides a sophisticated memory management and a
hardware-assisted protection mechanism
31 Addressing Mechanism
The 80376 uses two components to form the logical
address a 16-bit selector which determines the lin-
ear base address of a segment and a 32-bit effec-
tive address The selector is used to specify an
index into an operating system defined table (see
Figure 31) The table contains the 32-bit base ad-
dress of a given segment The linear address is
formed by adding the base address obtained from
the table to the 32-bit effective address This value
is truncated to 24 bits to form the physical address
which is then placed on the address bus
240182 – 11
Figure 31 Address Calculation
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com