Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 1 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 1 Page - Intel Corporation

  376 Datasheet HTML 1Page - Intel Corporation 376 Datasheet HTML 2Page - Intel Corporation 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
December 1990
COPYRIGHT
INTEL CORPORATION 1995
Order Number 240182-004
376
TM HIGH PERFORMANCE
32-BIT EMBEDDED PROCESSOR
Y
Full 32-Bit Internal Architecture
8- 16- 32-Bit Data Types
8 General Purpose 32-Bit Registers
Extensive 32-Bit Instruction Set
Y
High Performance 16-Bit Data Bus
16 or 20 MHz CPU Clock
Two-Clock Bus Cycles
16 MbytesSec Bus Bandwidth
Y
16 Mbyte Physical Memory Size
Y
High Speed Numerics Support with the
80387SX
Y
Low System Cost with the 82370
Integrated System Peripheral
Y
On-Chip Debugging Support Including
Break Point Registers
Y
Complete Intel Development Support
C PLM Assembler
ICETM-376 In-Circuit Emulator
iRMK Real Time Kernel
iSDM Debug Monitor
DOS Based Debug
Y
Extensive Third-Party Support
Languages C Pascal FORTRAN
BASIC and ADA
Hosts VMS
UNIX
MS-DOS
and
Others
Real-Time Kernels
Y
High Speed CHMOS IV Technology
Y
Available in 100 Pin Plastic Quad Flat-
Pack Package and 88-Pin Pin Grid Array
(See Packaging Outlines and Dimensions
231369)
INTRODUCTION
The 376 32-bit embedded processor is designed for high performance embedded systems It provides the
performance benefits of a highly pipelined 32-bit internal architecture with the low system cost associated with
16-bit hardware systems The 80376 processor is based on the 80386 and offers a high degree of compatibil-
ity with the 80386 All 80386 32-bit programs not dependent on paging can be executed on the 80376 and all
80376 programs can be executed on the 80386 All 32-bit 80386 language translators can be used for
software development With proper support software any 80386-based computer can be used to develop and
test 80376 programs In addition any 80386-based PC-AT compatible computer can be used for hardware
prototyping for designs based on the 80376 and its companion product the 82370
240182 – 48
80376 Microarchitecture
Intel iRMK ICE 376 386 Intel386 iSDM Intel1376 are trademarks of Intel Corp
UNIX is a registered trademark of ATT
ADA is a registered trademark of the US Government Ada Joint Program Office
PC-AT is a registered trademark of IBM Corporation
VMS is a trademark of Digital Equipment Corporation
MS-DOS is a trademark of MicroSoft Corporation


Similar Part No. - 376

ManufacturerPart #DatasheetDescription
logo
Energizer
376 ENERGIZER-376 Datasheet
214Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
376 FLUKE-376 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
Amphenol Wilcoxon Sensi...
376 WILCOXON-376 Datasheet
206Kb / 1P
High temperature accelerometer
Rev.E.1 09/18
376 WILCOXON-376 Datasheet
320Kb / 1P
Accelerometer/charge amplifier system
Rev.B.2 11/22
logo
PANAVISE PRODUCTS, INC.
376 PANAVISE-376 Datasheet
1Mb / 8P
Precision Vise Combinations
More results

Similar Description - 376

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960HA INTEL-80960HA Datasheet
828Kb / 102P
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
High Performance 32-bit processor up to 48 MHz
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
High Performance 32-bit Embedded Controller
01/27/15
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
High Performance 32-bit processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com