Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 32 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 376 Datasheet HTML 28Page - Intel Corporation 376 Datasheet HTML 29Page - Intel Corporation 376 Datasheet HTML 30Page - Intel Corporation 376 Datasheet HTML 31Page - Intel Corporation 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
376 EMBEDDED PROCESSOR
PROTECTION AND IO PERMISSION BIT MAP
The IO instructions that directly refer to addresses
in the processor’s IO space are IN INS OUT and
OUTS The 80376 has the ability to selectively trap
references to specific IO addresses The structure
that enables selective trapping is the IO Permis-
sion Bit Map in the TSS segment (see Figures 37
and 38) The IO permission map is a bit vector
The size of the map and its location in the TSS seg-
ment are variable The processor locates the IO
permission map by means of the IO map base field
in the fixed portion of the TSS The IO map base
field is 16 bits wide and contains the offset of the
beginning of the IO permission map
If an IO instruction (IN INS OUT or OUTS) is en-
countered
the processor first checks whether
CPL s IOPL If this condition is true the IO opera-
tion may proceed If not true the processor checks
the IO permission map
Each bit in the map corresponds to an IO port byte
address for example the bit for port 41 is found at
IO map base a
5 linearly (5 c 8 e 40) bit offset
1 The processor tests all the bits that correspond to
the IO addresses spanned by an IO operation for
example a double word operation tests four bits cor-
responding to four adjacent byte addresses If any
tested bit is set the processor signals a general pro-
tection exception If all the tested bits are zero the
IO operations may proceed
It is not necessary for the IO permission map to
represent all the IO addresses IO addresses not
spanned by the map are treated as if they had one-
bits in the map The IO map base should be at
least one byte less than the TSS limit and the last
byte beyond the IO mapping information must con-
tain all 1’s
Because the IO permission map is in the TSS seg-
ment different tasks can have different maps Thus
the operating system can allocate ports to a task by
changing the IO permission map in the task’s TSS
IMPORTANT IMPLEMENTATION NOTE
Beyond the last byte of IO mapping information in
the IO permission bit map must be a byte contain-
ing all 1’s The byte of all 1’s must be within the
limit of the 80376’s TSS segment (see Figure 37)
40 FUNCTIONAL DATA
The Intel 80376 embedded processor features a
straightforward functional interface to the external
hardware The 80376 has separate parallel buses
for data and address The data bus is 16 bits in
width and bidirectional The address bus outputs
24-bit address values using 23 address lines and
two-byte enable signals
The 80376 has two selectable address bus cycles
pipelined and non-pipelined The pipelining option
allows as much time as possible for data access by
240182 – 16
Figure 41 Functional Signal Groups
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com