Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 87 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 87 Page - Intel Corporation

Back Button 376 Datasheet HTML 83Page - Intel Corporation 376 Datasheet HTML 84Page - Intel Corporation 376 Datasheet HTML 85Page - Intel Corporation 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
376 EMBEDDED PROCESSOR
82 INSTRUCTION ENCODING
Overview
All instruction encodings are subsets of the general
instruction format shown in Figure 81 Instructions
consist of one or two primary opcode bytes possibly
an address specifier consisting of the ‘‘mod rm’’
byte and ‘‘scaled index’’ byte a displacement if re-
quired and an immediate data field if required
Within the primary opcode or opcodes smaller en-
coding fields may be defined These fields vary ac-
cording to the class of operation The fields define
such information as direction of the operation size
of the displacements register encoding or sign ex-
tension
Almost all instructions referring to an operand in
memory have an addressing mode byte following
the primary opcode byte(s) This byte the mod rm
byte specifies the address mode to be used Certain
encodings of the mod rm byte indicate a second
addressing byte the scale-index-base byte follows
the mod rm byte to fully specify the addressing
mode
Addressing modes can include a displacement im-
mediately following the mod rm byte or scaled in-
dex byte If a displacement is present the possible
sizes are 8 16 or 32 bits
If the instruction specifies an immediate operand
the immediate operand follows any displacement
bytes The immediate operand if specified is always
the last field of the instruction
Figure 81 illustrates several of the fields that can
appear in an instruction such as the mod field and
the rm field but the Figure does not show all fields
Several smaller fields also appear in certain instruc-
tions sometimes within the opcode bytes them-
selves Table 82 is a complete list of all fields ap-
pearing in the 80376 instruction set Further ahead
following Table 82 are detailed tables for each
field
TTTTTTTT TTTTTTTT modTTTr m
ss index base d32
l 16 l 8 l none data32 l 16 l 8 l none
7
0 7
0
765320
765320
X
YX
YX
YX
YX
Y
opcode
‘‘mod rm’’
‘‘s-i-b’’
address
immediate
(one or two bytes)
byte
byte
displacement
data
X
Y
(T represents an
(4 2 1 bytes
(4 2 1 bytes
opcode bit)
register and address
or none)
or none)
mode specifier
Figure 81 General Instruction Format
Table 82 Fields within 80376 Instructions
Field Name
Description
Number of Bits
w
Specifies if Data is Byte or Full Size (Full Size is either 16 or 32 Bits
1
d
Specifies Direction of Data Operation
1
s
Specifies if an Immediate Data Field Must be Sign-Extended
1
reg
General Register Specifier
3
mod rm
Address Mode Specifier (Effective Address can be a General Register)
2 for mod
3 for rm
ss
Scale Factor for Scaled Index Address Mode
2
index
General Register to be used as Index Register
3
base
General Register to be used as Base Register
3
sreg2
Segment Register Specifier for CS SS DS ES
2
sreg3
Segment Register Specifier for CS SS DS ES FS GS
3
tttn
For Conditional Instructions Specifies a Condition Asserted
or a Condition Negated
4
Note
Table 81 shows encoding of individual instructions
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com