Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 60 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 60 Page - Intel Corporation

Back Button 376 Datasheet HTML 56Page - Intel Corporation 376 Datasheet HTML 57Page - Intel Corporation 376 Datasheet HTML 58Page - Intel Corporation 376 Datasheet HTML 59Page - Intel Corporation 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
376 EMBEDDED PROCESSOR
In typical designs
the external pull-up resistors
shown in Table 61 are recommended However a
particular design may have reason to adjust the re-
sistor values recommended here or alter the use of
pull-up resistors in other ways
Table 61 Recommended
Resistor Pull-Ups to VCC
Pin Signal Pull-Up Value
Purpose
16 ADS
20 KX g 10% Lightly Pull ADS
Inactive during 80376
Hold Acknowledge
States
26 LOCK
20 KX g 10% Lightly Pull LOCK
Inactive during 80376
Hold Acknowledge
States
OTHER CONNECTION RECOMMENDATIONS
For reliable operation always connect unused in-
puts to an appropriate signal level NC pins should
always remain unconnected Connection of NC
pins to VCC or VSS will result in incompatibility
with future steppings of the 80376
Particularly when not using interrupts or bus hold (as
when first prototyping) prevent any chance of spuri-
ous activity by connecting these associated inputs to
GND
INTR
NMI
HOLD
If not using address pipelining connect the NA pin to
a pull-up resistor in the range of 20 KX to VCC
62 Absolute Maximum Ratings
Table 62 Maximum Ratings
Parameter
Maximum Rating
Storage Temperature
b
65 Cto a150 C
Case Temperature
b
65 Cto a120 C
under Bias
Supply Voltage with
b
05V to a65V
Respect to VSS
Voltage on Other Pins
b
05V to (VCC a 05)V
Table 62 gives a stress ratings only and functional
operation at the maximums is not guaranteed Func-
tional operating conditions are given in Section 63
DC Specifications
and Section 64 AC Specifi-
cations
Extended exposure to the Maximum Ratings may af-
fect device reliability
Furthermore
although the
80376 contains protective circuitry to resist damage
from static electric discharge always take precau-
tions to avoid high static voltages or electric fields
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com