Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 41 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation 376 Datasheet HTML 43Page - Intel Corporation 376 Datasheet HTML 44Page - Intel Corporation 376 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 19
Figure 44 Fastest Read Cycles with Non-Pipelined Timing
The fastest 80376 bus cycle requires only two bus
states For example three consecutive bus read cy-
cles each consisting of two bus states are shown
by Figure 44 The bus states in each cycle are
named T1 and T2 Any memory or IO address may
be accessed by such a two-state bus cycle if the
external hardware is fast enough
Every bus cycle continues until it is acknowledged
by the external system hardware using the 80376
READY input Acknowledging the bus cycle at the
end of the first T2 results in the shortest bus cycle
requiring only T1 and T2 If READY is not immedi-
ately asserted however T2 states are repeated in-
definitely until the READY input is sampled active
The pipelining option provides a choice of bus cycle
timings
Pipelined or non-pipelined cycles are
selectable on a cycle-by-cycle basis with the Next
Address (NA) input
When pipelining is selected the address (BHE BLE
and A23–A1) and definition (WR DC MIO and
LOCK) of the next cycle are available before the end
of the current cycle To signal their availability the
80376 address status output (ADS) is asserted Fig-
ure 45 illustrates the fastest read cycles with pipe-
lined timing
Note from Figure 45 the fastest bus cycles using
pipelining require only two bus states named T1P
and T2P Therefore pipelined cycles allow the same
data bandwidth as non-pipelined cycles but ad-
dress-to-data access time is increased by one
T-state time compared to that of a non-pipelined cy-
cle
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com