Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 69 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 69 Page - Intel Corporation

Back Button 376 Datasheet HTML 65Page - Intel Corporation 376 Datasheet HTML 66Page - Intel Corporation 376 Datasheet HTML 67Page - Intel Corporation 376 Datasheet HTML 68Page - Intel Corporation 376 Datasheet HTML 69Page - Intel Corporation 376 Datasheet HTML 70Page - Intel Corporation 376 Datasheet HTML 71Page - Intel Corporation 376 Datasheet HTML 72Page - Intel Corporation 376 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
376 EMBEDDED PROCESSOR
65 Designing for the ICETM-376
Emulator
The 376 embedded processor in-circuit emulator
product is the ICE-376 emulator Use of the emula-
tor requires the target system to provide a socket
that is compatible with the ICE-376 emulator The
80376 offers two different probes for emulating user
systems an 88-pin PGA probe and a 100-pin fine
pitch flat-pack probe The 100-pin fine pitch flat-
pack probe requires a socket called the 100-pin
PQFP which is available from 3-M Textool (part
number 2-0100-07243-000) The ICE-376 emulator
probe attaches to the target system via an adapter
which replaces the 80376 component in the target
system Because of the high operating frequency of
80376 systems and of the ICE-376 emulator there is
no buffering between the 80376 emulation proces-
sor in the ICE-376 emulator probe and the target
system A direct result of the non-buffered intercon-
nect is that the ICE-376 emulator shares the ad-
dress and data bus with the user’s system and the
RESET signal is intercepted by the ICE emulator
hardware In order for the ICE-376 emulator to be
functional in the user’s system without the Optional
Isolation Board (OIB) the designer must be aware of
the following conditions
1 The bus controller must only enable data trans-
ceivers onto the data bus during valid read cycles
of the 80376 other local devices or other bus
masters
2 Before another bus master drives the local proc-
essor address bus the other master must gain
control of the address bus by asserting HOLD and
receiving the HLDA response
3 The emulation processor receives the RESET sig-
nal 2 or 4 CLK2 cycles later than an 80376 would
and responds to RESET later Correct phase of
the response is guaranteed
In addition to the above considerations the ICE-376
emulator processor module has several electrical
and mechanical characteristics that should be taken
into consideration when designing the 80376 sys-
tem
Capacitive Loading
ICE-376 adds up to 27 pF to
each 80376 signal
Drive Requirements
ICE-376 adds one FAST TTL
load on the CLK2 control address and data lines
These loads are within the processor module and
are driven by the 80376 emulation processor which
has standard drive and loading capability listed in
Tables 63 and 64
Power Requirements
For noise immunity and
CMOS latch-up protection the ICE-376 emulator
processor module is powered by the user system
The circuitry on the processor module draws up to
14A including the maximum 80376 ICC from the
user 80376 socket
80376 Location and Orientation
The ICE-376 em-
ulator processor module may require lateral clear-
ance Figure 612 shows the clearance requirements
of the iMP adapter and Figure 613 shows the clear-
ance requirements of the 88-pin PGA adapter The
240182 – 46
Figure 612 Preliminary ICETM-376 Emulator User Cable with PQFP Adapter
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com