Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 51 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 51 Page - Intel Corporation

Back Button 376 Datasheet HTML 47Page - Intel Corporation 376 Datasheet HTML 48Page - Intel Corporation 376 Datasheet HTML 49Page - Intel Corporation 376 Datasheet HTML 50Page - Intel Corporation 376 Datasheet HTML 51Page - Intel Corporation 376 Datasheet HTML 52Page - Intel Corporation 376 Datasheet HTML 53Page - Intel Corporation 376 Datasheet HTML 54Page - Intel Corporation 376 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 28
Interrupt Vector (0 – 255) is read on D0 – D7 at end of second Interrupt Acknowledge bus cycle
Because each Interrupt Acknowledge bus cycle is followed by idle bus states asserting NA has no practical effect
Choose the approach which is simplest for your system hardware design
Figure 413 Interrupt Acknowledge Cycles
During both interrupt acknowledge cycles D15–D0
float No data is read at the end of the first interrupt
acknowledge cycle At the end of the second inter-
rupt acknowledge cycle the 80376 will read an ex-
ternal interrupt vector from D7–D0 of the data bus
The vector indicates the specific interrupt number
(from 0 – 255) requiring service
HALT INDICATION CYCLE
The 80376 execution unit halts as a result of execut-
ing a HLT instruction Signaling its entrance into the
halt state a halt indication cycle is performed The
halt indication cycle is identified by the state of the
bus definition signals and a byte address of 2 See
the Bus Cycle Definition Signals section The halt
indication cycle must be acknowledged by READY
asserted A halted 80376 resumes execution when
INTR (if interrupts are enabled) NMI or RESET is
asserted
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com