Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 44 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation 376 Datasheet HTML 43Page - Intel Corporation 376 Datasheet HTML 44Page - Intel Corporation 376 Datasheet HTML 45Page - Intel Corporation 376 Datasheet HTML 46Page - Intel Corporation 376 Datasheet HTML 47Page - Intel Corporation 376 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 22
Idle states are shown here for diagram variety only Write cycles are not always followed by an idle state An active bus
cycle can immediately follow the write cycle
Figure 47 Various Non-Pipelined Bus Cycles (Various Number of Wait States)
Figure 47 illustrates non-pipelined bus cycles with
one wait state added to Cycles 2 and 3 READY is
sampled inactive at the end of the first T2 in Cycles
2 and 3 Therefore Cycles 2 and 3 have T2 repeated
again At the end of the second T2 READY is sam-
pled active
When address pipelining is not used the address
and bus cycle definition remain valid during all wait
states When wait states are added and it is desir-
able to maintain non-pipelined timing it is necessary
to negate NA during each T2 state except the
last one as shown in Figure 47 Cycles 2 and 3 If
NA is sampled active during a T2 other than the last
one the next state would be T2I or T2P instead of
another T2
When address pipelining is not used the bus states
and transitions are completely illustrated by Figure
48
The bus transitions between four possible
states T1 T2 Ti and Th Bus cycles consist of T1
and T2 with T2 being repeated for wait states Oth-
erwise the bus may be idle Ti or in the hold ac-
knowledge state Th
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com