Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 19 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 376 Datasheet HTML 15Page - Intel Corporation 376 Datasheet HTML 16Page - Intel Corporation 376 Datasheet HTML 17Page - Intel Corporation 376 Datasheet HTML 18Page - Intel Corporation 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 27 Register Values after Reset
Flag Word (EFLAGS)
uuuu0002H
(Note 1)
Machine Status Word (CR0)
uuuuuuu1H
(Note 2)
Instruction Pointer (EIP)
0000FFF0H
Code Segment (CS)
F000H
(Note 3)
Data Segment (DS)
0000H
(Note 4)
Stack Segment (SS)
0000H
Extra Segment (ES)
0000H
(Note 4)
Extra Segment (FS)
0000H
Extra Segment (GS)
0000H
EAX Register
0000H
(Note 5)
EDX Register
Component and Stepping ID
(Note 6)
All Other Registers
Undefined
(Note 7)
NOTES
1 EFLAG Register The upper 14 bits of the EFLAGS register are undefined all defined
flag bits are zero
2 CR0 The defined 4 bits in the CR0 is equal to 1H
3 The Code Segment Register (CS) will have its Base Address set to 0FFFF0000H and
Limit set to 0FFFFH
4 The Data and Extra Segment Registers (DS and ES) will have their Base Address set
to 000000000H and Limit set to 0FFFFH
5 If self-test is selected the EAX should contain a 0 value If a value of 0 is not found
the self-test has detected a flaw in the part
6 EDX register always holds component and stepping identifier
7 All unidentified bits are Intel Reserved and should not be used
29 Initialization
Because the 80376 processor starts executing in protected mode certain precautions need be taken during
initialization Before any far jumps can take place the GDT andor LDT tables need to be setup and their
respective registers loaded Before interrupts can be initialized the IDT table must be setup and the IDTR must
be loaded The example code is shown below
****************************************************************
This is an example of startup code to put either an 80376
80386SX or 80386 into flat mode
All of memory is treated as
simple linear RAM
There are no interrupt routines
The
Builder creates the GDT-alias and IDT-alias and places them
by default
in GDT 1
and GDT 2
Other entries in the GDT
are specified in the Build file
After initialization it jumps
to a C startup routine
To use this template
change this jmp
address to that of your code
or make the label of your code
‘c startup‘
This code was assembled and built using version 12 of the
Intel RLL utilities and Intel 386ASM assembler
***
This code was tested
***
****************************************************************
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com