Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 34 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 376 Datasheet HTML 30Page - Intel Corporation 376 Datasheet HTML 31Page - Intel Corporation 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
376 EMBEDDED PROCESSOR
phases ‘‘phase one’’ and ‘‘phase two’’ Each CLK2
period is a phase of the internal clock Figure 42
illustrates the relationship If desired the phase of
the internal processor clock can be synchronized to
a known phase by ensuring the falling edge of the
RESET signal meets the applicable setup and hold
times t25 and t26
DATA BUS (D15–D0)
These three-state bidirectional signals provide the
general purpose data path between the 80376 and
other devices The data bus outputs are active HIGH
and will float during bus hold acknowledge Data bus
reads require that read-data setup and hold times
t21 and t22 be met relative to CLK2 for correct oper-
ation
ADDRESS BUS (BHE BLE A23–A1)
These three-state outputs provide physical memory
addresses or IO port addresses A23–A16 are LOW
during IO transfers except for IO transfers auto-
matically generated by coprocessor instructions
During coprocessor IO transfers A22–A16 are driv-
en LOW and A23 is driven HIGH so that this ad-
dress line can be used by external logic to generate
the coprocessor select signal Thus the IO address
driven by the 80376 for coprocessor commands is
8000F8H and the IO address driven by the 80376
processor for coprocessor data is 8000FCH or
8000FEH
The address bus is capable of addressing 16 Mbytes
of physical memory space (000000H through
0FFFFFFH) and 64 Kbytes of IO address space
(000000H through 00FFFFH) for programmed IO
The address bus is active HIGH and will float during
bus hold acknowledge
The Byte Enable outputs BHE and BLE directly indi-
cate which bytes of the 16-bit data bus are involved
with the current transfer BHE applies to D15–D8
and BLE applies to D7–D0 If both BHE and BLE are
asserted then 16 bits of data are being transferred
See Table 41 for a complete decoding of these sig-
nals The byte enables are active LOW and will float
during bus hold acknowledge
Table 41 Byte Enable Definitions
BHE
BLE
Function
0
0
Word Transfer
0
1
Byte Transfer on Upper Byte of the Data Bus D15–D8
1
0
Byte Transfer on Lower Byte of the Data Bus D7–D0
1
1
Never Occurs
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com