Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 13 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 376 Datasheet HTML 9Page - Intel Corporation 376 Datasheet HTML 10Page - Intel Corporation 376 Datasheet HTML 11Page - Intel Corporation 376 Datasheet HTML 12Page - Intel Corporation 376 Datasheet HTML 13Page - Intel Corporation 376 Datasheet HTML 14Page - Intel Corporation 376 Datasheet HTML 15Page - Intel Corporation 376 Datasheet HTML 16Page - Intel Corporation 376 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
376 EMBEDDED PROCESSOR
Combinations of these 3 components make up the 6
additional addressing modes There is no perform-
ance penalty for using any of these addressing com-
binations since the effective address calculation is
pipelined with the execution of other instructions
The one exception is the simultaneous use of BASE
and INDEX components which requires one addi-
tional clock
As shown in Figure 24 the effective address (EA) of
an operand is calculated according to the following
formula
EA e BASERegister a (INDEXRegistercscaling) a
DISPLACEMENT
1 Direct Mode
The operand’s offset is contained
as part of the instruction as an 8- 16- or 32-bit
DISPLACEMENT
2 Register Indirect Mode
A BASE register con-
tains the address of the operand
3 Based Mode
A BASE register’s contents is add-
ed to a DISPLACEMENT to form the operand’s
offset
4 Scaled Index Mode
An INDEX register’s con-
tents is multiplied by a SCALING factor which is
added to a DISPLACEMENT to form the oper-
and’s offset
5 Based Scaled Index Mode
The contents of an
INDEX register is multiplied by a SCALING factor
and the result is added to the contents of a BASE
register to obtain the operand’s offset
6 Based Scaled Index Mode with Displacement
The contents of an INDEX register are multiplied
by a SCALING factor and the result is added to
the contents of a BASE register and a DISPLACE-
MENT to form the operand’s offset
240182 – 7
Figure 24 Addressing Mode Calculations
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com