Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 45 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation 376 Datasheet HTML 43Page - Intel Corporation 376 Datasheet HTML 44Page - Intel Corporation 376 Datasheet HTML 45Page - Intel Corporation 376 Datasheet HTML 46Page - Intel Corporation 376 Datasheet HTML 47Page - Intel Corporation 376 Datasheet HTML 48Page - Intel Corporation 376 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 23
Bus States
T1first clock of a non-pipelined bus cycle (80376 drives new address and asserts ADS)
T2subsequent clocks of a bus cycle when NA has not been sampled asserted in the current bus cycle
Tiidle state
Thhold acknowledge state (80376 asserts HLDA)
The fastest bus cycle consists of two states T1 and T2
Four basic bus states describe bus operation when not using pipelined address
Figure 48 80376 Bus States (Not Using Pipelined Address)
Bus cycles always begin with T1 T1 always leads to
T2 If a bus cycle is not acknowledged during T2 and
NA is inactive T2 is repeated When a cycle is ac-
knowledged during T2 the following state will be T1
of the next bus cycle if a bus request is pending
internally or Ti if there is no bus request pending or
Th if the HOLD input is being asserted
Use of pipelining allows the 80376 to enter three
additional bus states not shown in Figure 48 Figure
412 is the complete bus state diagram including
pipelined cycles
Pipelined Bus Cycles
Pipelining is the option of requesting the address
and the bus cycle definition of the next inter-
nally pending bus cycle before the current bus cycle
is acknowledged with READY asserted ADS is as-
serted by the 80376 when the next address is is-
sued The pipelining option is controlled on a cycle-
by-cycle basis with the NA input signal
Once a bus cycle is in progress and the current ad-
dress has been valid for at least one entire bus
state the NA input is sampled at the end of every
phase one until the bus cycle is acknowledged Dur-
ing non-pipelined bus cycles NA is sampled at the
end of phase one in every T2 An example is Cycle 2
in Figure 49 during which NA is sampled at the end
of phase one of every T2 (it was asserted once dur-
ing the first T2 and has no further effect during that
bus cycle)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com