Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 47 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 376 Datasheet HTML 43Page - Intel Corporation 376 Datasheet HTML 44Page - Intel Corporation 376 Datasheet HTML 45Page - Intel Corporation 376 Datasheet HTML 46Page - Intel Corporation 376 Datasheet HTML 47Page - Intel Corporation 376 Datasheet HTML 48Page - Intel Corporation 376 Datasheet HTML 49Page - Intel Corporation 376 Datasheet HTML 50Page - Intel Corporation 376 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 25
Following any idle bus state (Ti) the bus cycle is always non-pipelined and NA is only sampled during wait states To
start address pipelining after an idle state requires a non-pipelined cycle with at least one wait state (cycle 1 above)
The pipelined cycles (2 3 4 above) are shown with various numbers of wait states
Figure 410 Fastest Transition to Pipelined Bus Cycle Following Idle Bus State
The complete bus state transition diagram including
pipelining is given by Figure 412 Note it is a super-
set of the diagram for non-pipelined only and the
three additional bus states for pipelining are drawn
in bold
The fastest bus cycle with pipelining consists of just
two bus states T1P and T2P (recall for non-pipe-
lined it is T1 and T2) T1P is the first bus state of a
pipelined cycle
Initiating and Maintaining Pipelined Bus Cycles
Using the state diagram Figure 412 observe the
transitions from an idle state Ti to the beginning of
a pipelined bus cycle T1P From an idle state Ti the
first bus cycle must begin with T1 and is therefore a
non-pipelined bus cycle The next bus cycle will be
pipelined however provided NA is asserted and the
first bus cycle ends in a T2P state (the address and
status for the next bus cycle is driven during T2P)
The fastest path from an idle state to a pipelined bus
cycle is shown in bold below
Ti Ti
T1 – T2 – T2P
T1P – T2P
idle
non-pipelined
pipelined
states
cycle
cycle
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com