Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 22 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 376 Datasheet HTML 18Page - Intel Corporation 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
376 EMBEDDED PROCESSOR
210 Self-Test
The 80376 has the capability to perform a self-test
The self-test checks the function of all of the Control
ROM and most of the non-random logic of the part
Approximately one-half of the 80376 can be tested
during self-test
Self-Test is initiated on the 80376 when the RESET
pin transitions from HIGH to LOW and the BUSY pin
is LOW The self-test takes about 220 clocks or ap-
proximately 33 ms with a 16 MHz 80376 processor
At the completion of self-test the processor per-
forms reset and begins normal operation The part
has successfully passed self-test if the contents of
the EAX register is zero If the EAX register is not
zero then the self-test has detected a flaw in the
part If self-test is not selected after reset EAX may
be non-zero after reset
211 Debugging Support
The 80376 provides several features which simplify
the debugging process The three categories of on-
chip debugging aids are
1 The code execution breakpoint opcode (0CCH)
2 The single-step capability provided by the TF bit
in the flag register and
3 The code and data breakpoint capability provided
by the Debug Registers DR0 – 3 DR6 and DR7
BREAKPOINT INSTRUCTION
A single-byte software interrupt (Int 3) breakpoint in-
struction is available for use by software debuggers
The breakpoint opcode is 0CCh and generates an
exception 3 trap when executed
DEBUG REGISTERS
240182 – 9
240182 – 10
240182 – 5
Figure 26 Debug Registers
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com