Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 223 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 219Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 220Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 221Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 222Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 223Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 224Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 225Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 226Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 236 page
background image
VLYNQ_CLK
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
1
2
3
4
Data
Data
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-107. Switching Characteristics Over Recommended Operating Conditions for Transmit Data for
the VLYNQ Module (see Figure 6-75)
1.05 V and 1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, VLYNQ_CLK high to VLYNQ_TXD[3:0] invalid
1
ns
[SLOW Mode]
1
td(VCLKH-TXDI)
Delay time, VLYNQ_CLK high to VLYNQ_ TXD[3:0] invalid
0.5
ns
[FAST Mode]
2
td(VCLKH-TXDV)
Delay time, VLYNQ_CLK to VLYNQ_TXD[3:0] valid
9.75
ns
Table 6-108. Timing Requirements for Receive Data for the VLYNQ Module (see Figure 6-75)
1.05 V
1.2 V
NO.
UNIT
MIN
MAX
MIN
MAX
RTM disabled, RTM sample
1.1
0.8
ns
= 3
RTM enabled, RXD Flop = 0
2.8
2.2
ns
RTM enabled, RXD Flop = 1
2.5
1.9
ns
RTM enabled, RXD Flop = 2
1.8
1.4
ns
Setup time, VLYNQ_RXD[3:0]
3
tsu(RXDV-VCLKH)
valid before VLYNQ_CLK high
RTM enabled, RXD Flop = 3
1.1
0.8
ns
RTM enabled, RXD Flop = 4
0.4
0.4
ns
RTM enabled, RXD Flop = 5
0
0.1
ns
RTM enabled, RXD Flop = 6
-0.3
-0.2
ns
RTM enabled, RXD Flop = 7
-0.5
-0.4
ns
RTM disabled, RTM sample
2
2
ns
= 3
RTM enabled, RXD Flop = 0
0.6
0.6
ns
RTM enabled, RXD Flop = 1
1
1.0
ns
RTM enabled, RXD Flop = 2
1.5
1.5
ns
Hold time, VLYNQ_RXD[3:0] valid
4
th(VCLKH-RXDV)
after VLYNQ_CLK high
RTM enabled, RXD Flop = 3
2
2.0
ns
RTM enabled, RXD Flop = 4
2.5
2.5
ns
RTM enabled, RXD Flop = 5
3
3.0
ns
RTM enabled, RXD Flop = 6
3.6
3.5
ns
RTM enabled, RXD Flop = 7
4.1
4.0
ns
Figure 6-75. VLYNQ Transmit/Receive Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
223
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com