Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 151 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 151 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 147Page - Advanced Micro Devices CS5530A Datasheet HTML 148Page - Advanced Micro Devices CS5530A Datasheet HTML 149Page - Advanced Micro Devices CS5530A Datasheet HTML 150Page - Advanced Micro Devices CS5530A Datasheet HTML 151Page - Advanced Micro Devices CS5530A Datasheet HTML 152Page - Advanced Micro Devices CS5530A Datasheet HTML 153Page - Advanced Micro Devices CS5530A Datasheet HTML 154Page - Advanced Micro Devices CS5530A Datasheet HTML 155Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
151
Register Summary
Revision 1.1
Table 5-11. USB PCI Configuration Registers Summary
USB Index
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 5-25)
00h-01h
16
RO
Vendor Identification
0E11h
Page 205
02h-03h
16
RO
Device Identification
A0F8h
Page 205
04h-05h
16
R/W
Command Register
0000h
Page 205
06h-07h
16
R/W
Status Register
0280h
Page 205
08h
8
RO
Device Revision ID
06h
Page 206
09h-0Bh
24
RO
Class Code
0C0310h
Page 206
0Ch
8
R/W
Cache Line Size
00h
Page 206
0Dh
8
R/W
Latency Timer
00h
Page 206
0Eh
8
RO
Header Type
00h
Page 206
0Fh
8
RO
BIST Register
00h
Page 206
10h-13h
32
R/W
Base Address Register (USB BAR): Sets the base address
of the memory mapped USB controller registers. Refer to
Table 5-26 for the USB controller register bit formats and
reset values.
00000000h
Page 206
14h-3Bh
--
--
Reserved
xxh
Page 206
3Ch
8
R/W
Interrupt Line Register
00h
Page 206
3Dh
8
RO
Interrupt Pin Register
01h
Page 206
3Eh
8
RO
Min. Grant Register
00h
Page 206
3Fh
8
RO
Max. Latency Register
50h
Page 206
40h-43h
32
R/W
ASIC Test Mode Enable Register
000F0000h
Page 206
44h-45h
16
R/W
ASIC Operational Mode Enable
0000h
Page 206
46h-47h
--
--
Reserved
00h
Page 207
48h-FFh
--
--
Reserved
xxh
Page 207
Table 5-12. USB BAR: USB Controller Registers Summary
USB BAR+
Memory
Offset
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 5-26)
00h-03h
32
R/W
HcRevision
00000110h
Page 208
04h-07h
32
R/W
HcControl
00000000h
Page 208
08h-0Bh
32
R/W
HcCommandStatus
00000000h
Page 208
0Ch-0Fh
32
R/W
HcInterruptStatus
00000000h
Page 208
10h-13h
32
R/W
HcInterruptEnable
00000000h
Page 209
14h-17h
32
R/W
HcInterruptDisable
C000006Fh
Page 209
18h-1Bh
32
R/W
HcHCCA
00000000h
Page 209
1Ch-1Fh
32
R/W
HcPeriodCurrentED
00000000h
Page 209
20h-23h
32
R/W
HcControlHeadED
00000000h
Page 209
24h-27h
32
R/W
HcControlCurrentED
00000000h
Page 209
28h-2Bh
32
R/W
HcBulkHeadED
00000000h
Page 209
2Ch-2Fh
32
R/W
HcBulkCurrentED
00000000h
Page 209
30h-33h
32
R/W
HcDoneHead
00000000h
Page 210
34h-37h
32
R/W
HcFmInterval
00002EDFh
Page 210
38h-3Bh
32
RO
HcFrameRemaining
00002Exxh
Page 210
3Ch-3Fh
32
RO
HcFmNumber
00000000h
Page 210
40h-43h
32
R/W
HcPeriodicStart
00000000h
Page 210
44h-47h
32
R/W
HcLSThreshold
00000628h
Page 210
48h-4Bh
32
R/W
HcRhDescriptorA
01000002h
Page 210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com