Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 149Page - Advanced Micro Devices CS5530A Datasheet HTML 150Page - Advanced Micro Devices CS5530A Datasheet HTML 151Page - Advanced Micro Devices CS5530A Datasheet HTML 152Page - Advanced Micro Devices CS5530A Datasheet HTML 153Page - Advanced Micro Devices CS5530A Datasheet HTML 154Page - Advanced Micro Devices CS5530A Datasheet HTML 155Page - Advanced Micro Devices CS5530A Datasheet HTML 156Page - Advanced Micro Devices CS5530A Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
153
Register Summary
Revision 1.1
0DAh
WO
DMA Master Clear Command, Channels 7:4
Page 217
0DCh
WO
DMA Clear Mask Register Command, Channels 7:4
Page 217
0DEh
WO
DMA Write Mask Register Command, Channels 7:4
Page 217
DMA Page Registers (Table 5-28)
081h
R/W
DMA Channel 2 Low Page Register
Page 218
082h
R/W
DMA Channel 3 Low Page Register
Page 218
083h
R/W
DMA Channel 1 Low Page Register
Page 218
087h
R/W
DMA Channel 0 Low Page Register
Page 218
089h
R/W
DMA Channel 6 Low Page Register
Page 218
08Ah
R/W
DMA Channel 7 Low Page Register
Page 218
08Bh
R/W
DMA Channel 5 Low Page Register
Page 218
08Fh
R/W
ISA Refresh Low Page Register
Page 218
481h
R/W
DMA Channel 2 High Page Register
Page 218
482h
R/W
DMA Channel 3 High Page Register
Page 218
483h
R/W
DMA Channel 1 High Page Register
Page 218
487h
R/W
DMA Channel 0 High Page Register
Page 218
489h
R/W
DMA Channel 6 High Page Register
Page 218
48Ah
R/W
DMA Channel 7 High Page Register
Page 218
48Bh
R/W
DMA Channel 5 High Page Register
Page 218
Programmable Interval Timer Registers (Table 5-29)
040h
Write
PIT Timer 0 Counter
Page 219
Read
PIT Timer 0 Status
Page 219
041h
Write
PIT Timer 1 Counter (Refresh)
Page 219
Read
PIT Timer 1 Status (Refresh)
Page 219
042h
Write
PIT Timer 2 Counter (Speaker)
Page 219
Read
PIT Timer 2 Status (Speaker)
Page 219
043h
Write
PIT Mode Control Word Register
Page 219
043h
R/W
PIT Read-Back Command
Read Status Command
Counter Latch Command
Programmable Interrupt Controller Registers (Table 5-30)
020h / 0A0h
WO
Master / Slave PCI IWC1
Page 220
021h / 0A1h
WO
Master / Slave PIC ICW2
Page 220
021h / 0A1h
WO
Master / Slave PIC ICW3
Page 220
021h / 0A1h
WO
Master / Slave PIC ICW4
Page 220
021h / 0A1h
R/W
Master / Slave PIC OCW1
Page 220
020h / 0A0h
WO
Master / Slave PIC OCW2
Page 220
020h / 0A0h
WO
Master / Slave PIC OCW3
Page 221
020h / 0A0h
RO
Master / Slave PIC Interrupt Request and Service Registers for OCW3 Commands
Page 221
Keyboard Controller Registers (Table 5-31)
060h
R/W
External Keyboard Controller Data Register
Page 222
061h
R/W
Port B Control Register
Page 222
062h
R/W
External Keyboard Controller Mailbox Register
Page 222
064h
R/W
External Keyboard Controller Command Register
Page 222
066h
R/W
External Keyboard Controller Mailbox Register
Page 222
092h
R/W
Port A Control Register
Page 222
Table 5-13. ISA Legacy I/O Registers Summary (Continued)
I/O Port
Type
Name
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com