Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 148Page - Advanced Micro Devices CS5530A Datasheet HTML 149Page - Advanced Micro Devices CS5530A Datasheet HTML 150Page - Advanced Micro Devices CS5530A Datasheet HTML 151Page - Advanced Micro Devices CS5530A Datasheet HTML 152Page - Advanced Micro Devices CS5530A Datasheet HTML 153Page - Advanced Micro Devices CS5530A Datasheet HTML 154Page - Advanced Micro Devices CS5530A Datasheet HTML 155Page - Advanced Micro Devices CS5530A Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 259 page
background image
152
AMD Geode™ CS5530A Companion Device Data Book
Register Summary
Revision 1.1
4Ch-4Fh
32
R/W
HcRhDescriptorB
00000000h
Page 211
50h-53h
32
R/W
HcRhStatus
00000000h
Page 211
54h-57h
32
R/W
HcRhPortStatus[1]
00000628h
Page 212
58h-5Bh
32
R/W
HcRhPortStatus[2]
01000002h
Page 213
5Ch-5Fh
32
--
Reserved
00000000h
Page 213
60h-9Fh
--
--
Reserved
xxh
Page 213
100h-103h
32
R/W
HceControl
00000000h
Page 214
104h-107h
32
R/W
HceInput
000000xxh
Page 214
108h-10Dh
32
R/W
HceOutput
000000xxh
Page 214
10Ch-10Fh
32
R/W
HceStatus
00000000h
Page 214
Table 5-12. USB BAR: USB Controller Registers Summary (Continued)
USB BAR+
Memory
Offset
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 5-26)
Table 5-13. ISA Legacy I/O Registers Summary
I/O Port
Type
Name
Reference
DMA Channel Control Registers (Table 5-27)
000h
R/W
DMA Channel 0 Address Register
Page 215
001h
R/W
DMA Channel 0 Transfer Count Register
Page 215
002h
R/W
DMA Channel 1 Address Register
Page 215
003h
R/W
DMA Channel 1 Transfer Count Register
Page 215
004h
R/W
DMA Channel 2 Address Register
Page 215
005h
R/W
DMA Channel 2 Transfer Count Register
Page 215
006h
R/W
DMA Channel 3 Address Register
Page 215
007h
R/W
DMA Channel 3 Transfer Count Register
Page 215
008h
Read
DMA Status Register, Channels 3:0
Page 215
Write
DMA Command Register, Channels 3:0
Page 215
009h
WO
Software DMA Request Register, Channels 3:0
Page 216
00Ah
R/W
DMA Channel Mask Register, Channels 3:0
Page 216
00Bh
WO
DMA Channel Mode Register, Channels 3:0
Page 216
00Ch
WO
DMA Clear Byte Pointer Command, Channels 3:0
Page 216
00Dh
WO
DMA Master Clear Command, Channels 3:0
Page 216
00Eh
WO
DMA Clear Mask Register Command, Channels 3:0
Page 216
00Fh
WO
DMA Write Mask Register Command, Channels 3:0
Page 216
0C0h
R/W
DMA Channel 4 Address Register (Not used)
Page 216
0C2h
R/W
DMA Channel 4 Transfer Count Register (Not Used)
Page 216
0C4h
R/W
DMA Channel 5 Address Register
Page 216
0C6h
R/W
DMA Channel 5 Transfer Count Register
Page 216
0C8h
R/W
DMA Channel 6 Address Register
Page 216
0CAh
R/W
DMA Channel 6 Transfer Count Register
Page 216
0CCh
R/W
DMA Channel 7 Address Register
Page 216
0CEh
R/W
DMA Channel 7 Transfer Count Register
Page 216
0D0h
Read
DMA Status Register, Channels 7:4
Page 217
Write
DMA Command Register, Channels 7:4
Page 217
0D2h
WO
Software DMA Request Register, Channels 7:4
Page 217
0D4h
R/W
DMA Channel Mask Register, Channels 7:0
Page 217
0D6h
WO
DMA Channel Mode Register, Channels 7:4
Page 217
0D8h
WO
DMA Clear Byte Pointer Command, Channels 7:4
Page 217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com