Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 150Page - Advanced Micro Devices CS5530A Datasheet HTML 151Page - Advanced Micro Devices CS5530A Datasheet HTML 152Page - Advanced Micro Devices CS5530A Datasheet HTML 153Page - Advanced Micro Devices CS5530A Datasheet HTML 154Page - Advanced Micro Devices CS5530A Datasheet HTML 155Page - Advanced Micro Devices CS5530A Datasheet HTML 156Page - Advanced Micro Devices CS5530A Datasheet HTML 157Page - Advanced Micro Devices CS5530A Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 259 page
background image
154
AMD Geode™ CS5530A Companion Device Data Book
Register Summary
Revision 1.1
Real Time Clock Registers (Table 5-32)
070h
WO
RTC Address Register
Page 222
071h
R/W
RTC Data Register
Page 222
Miscellaneous Registers (Table 5-33)
170h-177h/
376h
R/W
Secondary IDE Registers
Page 223
1F0h-1F7h/
3F6h
R/W
Primary IDE Registers
Page 223
4D0h
R/W
Interrupt Edge/Level Select Register 1
Page 223
4D1h
R/W
Interrupt Edge/Level Select Register 2
Page 223
121Ch-121Fh
RO
ACPI Timer Count Register
Note: The ACPI Timer Count Register is accessible through I/O Port 121Ch. Oth-
erwise use F1BAR+Offset 1Ch.
Page 223
Table 5-13. ISA Legacy I/O Registers Summary (Continued)
I/O Port
Type
Name
Reference
Table 5-14. V-ACPI I/O Register Space Summary
ACPI_
BASE
Type
Align
Length
Name
Reset
Value
Reference
(Table 5-34)
00h-03h
R/W
4
4
P_CNT: Processor Control Register
00000000h
Page 224
04h
RO
1
1
P_LVL2: Enter C2 Power State Register
00h
Page 224
05h
--
1
1
Reserved
00h
Page 224
06h
R/W
1
1
SMI_CMD: OS/BIOS Requests Register (ACPI Enable/
Disable Port)
00h
Page 224
07h
--
1
1
Reserved
00h
Page 225
08h-09h
R/W
2
2
PM1A_STS: PM1A Status Register
0000h
Page 225
0Ah-0Bh
R/W
2
2
PM1A_EN: PM1A Enable Register
0000h
Page 225
0Ch-0Dh
R/W
4
2
PM1A_CNT: PM1A Control Register
0000h
Page 225
0Eh-0Fh
R/W
2
2
SETUP_IDX: Setup Index Register (V-ACPI internal index
register)
0000h
Page 226
10h-11h
R/W
2
2
GPE0_STS: General Purpose Event 0 Status Register
0000h
Page 226
12h-13h
R/W
2
2
GPE0_EN: General Purpose Event 0 Enable Register
0000h
Page 226
14h-17h
R/W
4
4
SETUP_DATA: Setup Data Register (V-ACPI internal data
register)
00000000h
Page 227
18h-1Fh
--
8
Reserved: For Future V-ACPI Implementations
--
Page 227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com