Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 27Page - Texas Instruments TMS320F28076PZP Datasheet HTML 28Page - Texas Instruments TMS320F28076PZP Datasheet HTML 29Page - Texas Instruments TMS320F28076PZP Datasheet HTML 30Page - Texas Instruments TMS320F28076PZP Datasheet HTML 31Page - Texas Instruments TMS320F28076PZP Datasheet HTML 32Page - Texas Instruments TMS320F28076PZP Datasheet HTML 33Page - Texas Instruments TMS320F28076PZP Datasheet HTML 34Page - Texas Instruments TMS320F28076PZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
6.4.4 USB Pin Muxing
Table 6-4 shows assignment of the alternate USB function mapping. These can be configured with the
GPBAMSEL register.
Table 6-4. Alternate USB Function
GPIO
GPBAMSEL SETTING
USB FUNCTION
GPIO42
GPBAMSEL[10] = 1b
USB0DM
GPIO43
GPBAMSEL[11] = 1b
USB0DP
6.4.5 High-Speed SPI Pin Muxing
The SPI module on this device has a high-speed mode. To achieve the highest possible speed, a special GPIO
configuration is used on a single GPIO mux option for each SPI. These GPIOs may also be used by the SPI
when not in high-speed mode (HS_MODE = 0).
To select the mux options that enable the SPI high-speed mode, configure the GPyGMUX and GPyMUX
registers as shown in Table 6-5.
Table 6-5. GPIO Configuration for High-Speed SPI
GPIO
SPI SIGNAL
MUX CONFIGURATION
SPIA
GPIO58
SPISIMOA
GPBGMUX2[21:20]=11b
GPBMUX2[21:20]=11b
GPIO59
SPISOMIA
GPBGMUX2[23:22]=11b
GPBMUX2[23:22]=11b
GPIO60
SPICLKA
GPBGMUX2[25:24]=11b
GPBMUX2[25:24]=11b
GPIO61
SPISTEA
GPBGMUX2[27:26]=11b
GPBMUX2[27:26]=11b
SPIB
GPIO63
SPISIMOB
GPBGMUX2[31:30]=11b
GPBMUX2[31:30]=11b
GPIO64
SPISOMIB
GPCGMUX1[1:0]=11b
GPCMUX1[1:0]=11b
GPIO65
SPICLKB
GPCGMUX1[3:2]=11b
GPCMUX1[3:2]=11b
GPIO66
SPISTEB
GPCGMUX1[5:4]=11b
GPCMUX1[5:4]=11b
SPIC
GPIO69
SPISIMOC
GPCGMUX1[11:10]=11b
GPCMUX1[11:10]=11b
GPIO70
SPISOMIC
GPCGMUX1[13:12]=11b
GPCMUX1[13:12]=11b
GPIO71
SPICLKC
GPCGMUX1[15:14]=11b
GPCMUX1[15:14]=11b
GPIO72
SPISTEC
GPCGMUX1[17:16]=11b
GPCMUX1[17:16]=11b
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com