Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 47Page - Texas Instruments TMS320F28076PZP Datasheet HTML 48Page - Texas Instruments TMS320F28076PZP Datasheet HTML 49Page - Texas Instruments TMS320F28076PZP Datasheet HTML 50Page - Texas Instruments TMS320F28076PZP Datasheet HTML 51Page - Texas Instruments TMS320F28076PZP Datasheet HTML 52Page - Texas Instruments TMS320F28076PZP Datasheet HTML 53Page - Texas Instruments TMS320F28076PZP Datasheet HTML 54Page - Texas Instruments TMS320F28076PZP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
7.9.3.3 Input Clocks and PLLs
In addition to the internal 0-pin oscillators, multiple external clock source options are available. Figure 7-8 shows
the recommended methods of connecting crystals, resonators, and oscillators to pins X1/X2 (also referred to as
XTAL) and AUXCLKIN.
X1
X2
CRYSTAL
X1
X2
X1
X2
3.3V
OUT
VDD
GND
CLK
R D
C L2
C L1
RESONATOR
3.3V OSCILLATOR
NC
v
ssosc
GPIO133/AUXCLKIN
3.3V
OUT
VDD
GND
CLK
3.3V OSCILLATOR
v
ssosc
v
ssosc
Figure 7-8. Connecting Input Clocks to a 2807x Device
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com