Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 79Page - Texas Instruments TMS320F28076PZP Datasheet HTML 80Page - Texas Instruments TMS320F28076PZP Datasheet HTML 81Page - Texas Instruments TMS320F28076PZP Datasheet HTML 82Page - Texas Instruments TMS320F28076PZP Datasheet HTML 83Page - Texas Instruments TMS320F28076PZP Datasheet HTML 84Page - Texas Instruments TMS320F28076PZP Datasheet HTML 85Page - Texas Instruments TMS320F28076PZP Datasheet HTML 86Page - Texas Instruments TMS320F28076PZP Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
Figure 7-29 shows the ADC module block diagram.
Analog to Digital Wrapper Logic
Analog to Digital Core
Input Circuit
Reference Voltage Levels
SOC
Arbitration
& Control
SOCx (0-15)
ADCIN0
Converter
ADCIN1
ADCIN2
ADCIN3
ADCIN4
ADCIN5
ADCIN6
ADCIN7
Interrupt Block (1-4)
ADCIN8
ADCIN9
ADCIN10
ADCIN11
0
1
2
3
4
5
6
7
8
9
10
11
VREFLO
VREFHI
CHSEL
ADCSOC
[15:0]
ADCINT1-4
14
15
12
13
ADCIN12
ADCIN13
ADCIN14
ADCIN15
ACQPS
CHSEL
RESOLUTION
SIGNALMODE
Post Processing Block (1-4)
[15:0]
SIGNALMODE
RESOLUTION
RESULT
ADCPPBxRESULT
Event
Logic
ADCEVTINT
[15:0]
ADCEVT
TRIGGER[15:0]
Trigger
Timestamp
SOC Delay
Timestamp
ADCCOUNTER
ADCPPBxOFFCAL
ADCPPBxOFFREF
S
+
-
saturate
S
+
-
CONFIG
u
1
x
2
x
1
S/H Circuit
V
IN+
V
IN-
D
OUT
Figure 7-29. ADC Module Block Diagram
7.10.1.1 ADC Configurability
Some ADC configurations are individually controlled by the SOCs, while others are controlled by each ADC
module. Table 7-7 summarizes the basic ADC options and their level of configurability.
Table 7-7. ADC Options and Configuration Levels
OPTIONS
CONFIGURABILITY
Clock
By the module(1)
Resolution
Not configurable (12-bit resolution only)
Signal mode
Not configurable (single-ended signal mode only)
Reference voltage source
Not configurable (external reference only)
Trigger source
By the SOC(1)
Converted channel
By the SOC
Acquisition window duration
By the SOC(1)
EOC location
By the module
Burst mode
By the module(1)
(1)
Writing these values differently to different ADC modules could cause the ADCs to operate
asynchronously. For guidance on when the ADCs are operating synchronously or asynchronously,
see the Ensuring Synchronous Operation section of the Analog-to-Digital Converter (ADC) chapter
in the TMS320F2807x Microcontrollers Technical Reference Manual.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com