Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 37Page - Texas Instruments TMS320F28076PZP Datasheet HTML 38Page - Texas Instruments TMS320F28076PZP Datasheet HTML 39Page - Texas Instruments TMS320F28076PZP Datasheet HTML 40Page - Texas Instruments TMS320F28076PZP Datasheet HTML 41Page - Texas Instruments TMS320F28076PZP Datasheet HTML 42Page - Texas Instruments TMS320F28076PZP Datasheet HTML 43Page - Texas Instruments TMS320F28076PZP Datasheet HTML 44Page - Texas Instruments TMS320F28076PZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
7.6 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
IOH = IOH MIN
VDDIO * 0.8
V
IOH = –100 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IOL = 100 µA
0.2
IOH
High-level output source current for all output pins
–4
mA
IOL
Low-level output sink current for all output pins
4
mA
VIH
High-level input voltage
(3.3 V)
GPIO0–GPIO7,
GPIO42–GPIO43,
GPIO46–GPIO47
VDDIO * 0.7
VDDIO + 0.3
V
All other pins
2.0
VDDIO + 0.3
VIL
Low-level input voltage (3.3 V)
VSS – 0.3
0.8
V
VHYSTERESIS
Input hysteresis
150
mV
Ipulldown
Input current
Digital inputs with
pulldown(1)
VDDIO = 3.3 V
VIN = VDDIO
120
µA
Ipullup
Input current
Digital inputs with pullup
enabled(1)
VDDIO = 3.3 V
VIN = 0 V
150
µA
ILEAK
Pin leakage
Digital
Pullups disabled
0 V ≤ VIN ≤ VDDIO
2
µA
Analog (except
ADCINB0 or DACOUTx)
0 V ≤ VIN ≤ VDDA
2
ADCINB0
2
11(2)
DACOUTx
66
CI
Input capacitance
2
pF
VDDIO-POR
VDDIO power-on reset voltage
2.3
V
(1)
See Table 6-1 for a list of pins with a pullup or pulldown.
(2)
The MAX input leakage shown on ADCINB0 is at high temperature.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com