Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 13Page - Texas Instruments TMS320F28076PZP Datasheet HTML 14Page - Texas Instruments TMS320F28076PZP Datasheet HTML 15Page - Texas Instruments TMS320F28076PZP Datasheet HTML 16Page - Texas Instruments TMS320F28076PZP Datasheet HTML 17Page - Texas Instruments TMS320F28076PZP Datasheet HTML 18Page - Texas Instruments TMS320F28076PZP Datasheet HTML 19Page - Texas Instruments TMS320F28076PZP Datasheet HTML 20Page - Texas Instruments TMS320F28076PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO46
0, 4, 8, 12
128
–
I/O
General-purpose input/output 46
EM1A6
2
O
External memory interface 1 address line 6
SCIRXDD
6
I
SCI-D receive data
GPIO47
0, 4, 8, 12
129
–
I/O
General-purpose input/output 47
EM1A7
2
O
External memory interface 1 address line 7
SCITXDD
6
O
SCI-D transmit data
GPIO48
0, 4, 8, 12
90
–
I/O
General-purpose input/output 48
OUTPUTXBAR3
1
O
Output 3 of the output XBAR
EM1A8
2
O
External memory interface 1 address line 8
SCITXDA
6
O
SCI-A transmit data
SD1_D1
7
I
Sigma-Delta 1 channel 1 data input
GPIO49
0, 4, 8, 12
93
–
I/O
General-purpose input/output 49
OUTPUTXBAR4
1
O
Output 4 of the output XBAR
EM1A9
2
O
External memory interface 1 address line 9
SCIRXDA
6
I
SCI-A receive data
SD1_C1
7
I
Sigma-Delta 1 channel 1 clock input
GPIO50
0, 4, 8, 12
94
–
I/O
General-purpose input/output 50
EQEP1A
1
I
Enhanced QEP1 input A
EM1A10
2
O
External memory interface 1 address line 10
SPISIMOC
6
I/O
SPI-C slave in, master out
SD1_D2
7
I
Sigma-Delta 1 channel 2 data input
GPIO51
0, 4, 8, 12
95
–
I/O
General-purpose input/output 51
EQEP1B
1
I
Enhanced QEP1 input B
EM1A11
2
O
External memory interface 1 address line 11
SPISOMIC
6
I/O
SPI-C slave out, master in
SD1_C2
7
I
Sigma-Delta 1 channel 2 clock input
GPIO52
0, 4, 8, 12
96
–
I/O
General-purpose input/output 52
EQEP1S
1
I/O
Enhanced QEP1 strobe
EM1A12
2
O
External memory interface 1 address line 12
SPICLKC
6
I/O
SPI-C clock
SD1_D3
7
I
Sigma-Delta 1 channel 3 data input
GPIO53
0, 4, 8, 12
97
–
I/O
General-purpose input/output 53
EQEP1I
1
I/O
Enhanced QEP1 index
EM1D31
2
I/O
External memory interface 1 data line 31
SPISTEC
6
I/O
SPI-C slave transmit enable
SD1_C3
7
I
Sigma-Delta 1 channel 3 clock input
GPIO54
0, 4, 8, 12
98
–
I/O
General-purpose input/output 54
SPISIMOA
1
I/O
SPI-A slave in, master out
EM1D30
2
I/O
External memory interface 1 data line 30
EQEP2A
5
I
Enhanced QEP2 input A
SCITXDB
6
O
SCI-B transmit data
SD1_D4
7
I
Sigma-Delta 1 channel 4 data input
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com