Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F28076PZP Datasheet HTML 1Page - Texas Instruments TMS320F28076PZP Datasheet HTML 2Page - Texas Instruments TMS320F28076PZP Datasheet HTML 3Page - Texas Instruments TMS320F28076PZP Datasheet HTML 4Page - Texas Instruments TMS320F28076PZP Datasheet HTML 5Page - Texas Instruments TMS320F28076PZP Datasheet HTML 6Page - Texas Instruments TMS320F28076PZP Datasheet HTML 7Page - Texas Instruments TMS320F28076PZP Datasheet HTML 8Page - Texas Instruments TMS320F28076PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
5 Device Comparison
Table 5-1 lists the features of each 2807x device.
Table 5-1. Device Comparison
FEATURE(1)
28076
28076-Q1
28075
28075-Q1
Package Type (PTP is an HLQFP package. PZP is an HTQFP package.)
176-Pin PTP
100-Pin PZP
176-Pin PTP
100-Pin PZP
Processor and Accelerators
C28x
Number
1
Frequency (MHz)
120
Floating-Point Unit (FPU)
Yes
TMU – Type 0
Yes
CLA – Type 1
Number
1
Frequency (MHz)
120
6-Channel Direct Memory Access (DMA) – Type 0
1
Memory
Flash (16-bit words)
512KB (256KW)
RAM (16-bit words)
Dedicated and Local Shared RAM
36KB (18KW)
Global Shared RAM
64KB (32KW)
Total RAM
100KB (50KW)
Code security for on-chip flash, RAM, and OTP blocks
Yes
Boot ROM
Yes
System
Configurable Logic Block (CLB)
4 tiles
No
32-bit CPU timers
3
Watchdog timers
1
Nonmaskable Interrupt Watchdog (NMIWD) timers
1
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
I/O pins
GPIO
97
41
97
41
External interrupts
5
EMIF
EMIF1 (16-bit or 32-bit)
1
–
1
–
Analog Peripherals
ADC 12-bit mode
MSPS
3.1
Conversion Time (ns)(2)
325
Input pins
17
14
17
14
Number of 12-bit ADCs
3
2
3
2
Temperature sensor
1
CMPSS (each CMPSS has two comparators and two internal DACs)
8
4
8
4
Buffered DAC
3
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com