Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 83Page - Texas Instruments TMS320F28076PZP Datasheet HTML 84Page - Texas Instruments TMS320F28076PZP Datasheet HTML 85Page - Texas Instruments TMS320F28076PZP Datasheet HTML 86Page - Texas Instruments TMS320F28076PZP Datasheet HTML 87Page - Texas Instruments TMS320F28076PZP Datasheet HTML 88Page - Texas Instruments TMS320F28076PZP Datasheet HTML 89Page - Texas Instruments TMS320F28076PZP Datasheet HTML 90Page - Texas Instruments TMS320F28076PZP Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
7.10.1.2.2 ADC Characteristics
over recommended operating conditions (unless otherwise noted)(5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC conversion cycles(1)
10.1
11 ADCCLKs
Power-up time
500
µs
Gain error
–5
±3
5
LSBs
Offset error
–4
±2
4
LSBs
Channel-to-channel gain error
±4
LSBs
Channel-to-channel offset error
±2
LSBs
ADC-to-ADC gain error
Identical VREFHI and VREFLO for all ADCs
±4
LSBs
ADC-to-ADC offset error
Identical VREFHI and VREFLO for all ADCs
±2
LSBs
DNL(2)
> –1
±0.5
1
LSBs
INL
–2
±1.0
2
LSBs
SNR(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
68.8
dB
THD(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
–78.4
dB
SFDR(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
79.2
dB
SINAD(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
68.4
dB
ENOB(3) (10)
VREFHI = 2.5 V, fin = 100 kHz,
single ADC(6), all packages
11.1
bits
VREFHI = 2.5 V, fin = 100 kHz,
synchronous ADCs(7), all packages
11.1
VREFHI = 2.5 V, fin = 100 kHz,
asynchronous ADCs(8),
100-pin PZP package
Not
supported
VREFHI = 2.5 V, fin = 100 kHz,
asynchronous ADCs(8),
176-pin PTP package
9.7
PSRR
VDDA = 3.3-V DC + 200 mV
DC up to Sine at 1 kHz
60
dB
PSRR
VDDA = 3.3-V DC + 200 mV
Sine at 800 kHz
57
dB
ADC-to-ADC isolation(10) (4) (9)
VREFHI = 2.5 V, synchronous ADCs(7), all
packages
–1
1
LSBs
VREFHI = 2.5 V, asynchronous ADCs(8),
100-pin PZP package
Not
supported
VREFHI = 2.5 V, asynchronous ADCs(8),
176-pin PTP package
–9
9
VREFHI input current
130
µA
(1)
See Section 7.10.1.2.5.
(2)
No missing codes.
(3)
AC parameters will be impacted by clock source accuracy and jitter, this should be taken into account when selecting the clock source
for the system. The clock source used for these parameters was a high-accuracy external clock fed through the PLL. The on-chip
Internal Oscillator has higher jitter than an external crystal and these parameters will degrade if it is used as a clock source.
(4)
Maximum DC code deviation due to operation of multiple ADCs simultaneously.
(5)
Typical values are measured with VREFHI = 2.5 V and VREFLO = 0 V. Minimum and Maximum values are tested or characterized with
VREFHI = 2.5 V and VREFLO = 0 V.
(6)
One ADC operating while all other ADCs are idle.
(7)
All ADCs operating with identical ADCCLK, S+H durations, triggers, and resolution.
(8)
Any ADCs operating with heterogeneous ADCCLK, S+H durations, triggers, or resolution.
(9)
Value based on characterization.
(10) I/O activity is minimized on pins adjacent to ADC input and VREFHI pins as part of best practices to reduce capacitive coupling and
crosstalk.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com