Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 85Page - Texas Instruments TMS320F28076PZP Datasheet HTML 86Page - Texas Instruments TMS320F28076PZP Datasheet HTML 87Page - Texas Instruments TMS320F28076PZP Datasheet HTML 88Page - Texas Instruments TMS320F28076PZP Datasheet HTML 89Page - Texas Instruments TMS320F28076PZP Datasheet HTML 90Page - Texas Instruments TMS320F28076PZP Datasheet HTML 91Page - Texas Instruments TMS320F28076PZP Datasheet HTML 92Page - Texas Instruments TMS320F28076PZP Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 192 page
background image
Table 7-8 shows the parasitic capacitance on each channel. Also, enabling a comparator adds approximately
1.4 pF of capacitance on positive comparator inputs and 2.5 pF of capacitance on negative comparator inputs.
Table 7-8. Per-Channel Parasitic Capacitance
ADC CHANNEL
Cp (pF)
COMPARATOR DISABLED
COMPARATOR ENABLED
ADCINA0
12.9
N/A
ADCINA1
10.3
N/A
ADCINA2
5.9
7.3
ADCINA3
6.3
8.8
ADCINA4
5.9
7.3
ADCINA5
6.3
8.8
ADCINB0(1)
117.0
N/A
ADCINB1
10.6
N/A
ADCINB2
5.9
7.3
ADCINB3
6.2
8.7
ADCINB4
5.2
N/A
ADCINB5
5.1
N/A
ADCIND0
5.3
6.7
ADCIND1
5.7
8.2
ADCIND2
5.3
6.7
ADCIND3
5.6
8.1
ADCIND4
4.3
N/A
ADCIN14
8.6
10.0
ADCIN15
9.0
11.5
(1)
The increased capacitance is due to VDAC functionality.
This input model should be used along with actual signal source impedance to determine the acquisition window
duration. See the Choosing an Acquisition Window Duration section of the TMS320F2807x Microcontrollers
Technical Reference Manual for more information.
The user should analyze the ADC input setting assuming worst-case initial conditions on Ch. This will require
assuming that Ch could start the S+H window completely charged to VREFHI or completely discharged to VREFLO.
When the ADC transitions from an odd-numbered channel to an even-numbered channel, or vice-versa, the
actual initial voltage on Ch will be close to being completely discharged to VREFLO. For even-to-even or odd-to-
odd channel transitions, the initial voltage on Ch will be close to the voltage of the previously converted channel.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com