Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 2Page - Texas Instruments TMS320F28076PZP Datasheet HTML 3Page - Texas Instruments TMS320F28076PZP Datasheet HTML 4Page - Texas Instruments TMS320F28076PZP Datasheet HTML 5Page - Texas Instruments TMS320F28076PZP Datasheet HTML 6Page - Texas Instruments TMS320F28076PZP Datasheet HTML 7Page - Texas Instruments TMS320F28076PZP Datasheet HTML 8Page - Texas Instruments TMS320F28076PZP Datasheet HTML 9Page - Texas Instruments TMS320F28076PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
Table 5-1. Device Comparison (continued)
FEATURE(1)
28076
28076-Q1
28075
28075-Q1
Package Type (PTP is an HLQFP package. PZP is an HTQFP package.)
176-Pin PTP
100-Pin PZP
176-Pin PTP
100-Pin PZP
Control Peripherals (3)
eCAP inputs – Type 0
6
ePWM channels – Type 4
24
15
24
15
eQEP modules – Type 0
3
2
3
2
High-resolution ePWM channels – Type 4
16
9
16
9
Sigma-Delta Filter Module (SDFM) channels
8
6
8
6
Communication Peripherals (3)
Controller Area Network (CAN) – Type 0(4)
2
Inter-Integrated Circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port (McBSP) – Type 1
2
SCI – Type 0
4
3
4
3
Serial Peripheral Interface (SPI) – Type 2
3
Universal Serial Bus (USB) – Type 0
1
Temperature and Qualification
Junction Temperature (TJ)
T: –40°C to 105°C
No
Yes
S: –40°C to 125°C
Yes
Q: –40°C to 150°C(5)
No
Yes
Free-Air Temperature (TA)
Q: –40°C to 125°C(5)
No
Yes
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide.
(2)
Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(3)
For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 6 to identify which peripheral instances are accessible on pins in the
smaller package.
(4)
The CAN module uses the IP known as D_CAN. This document uses the names CAN and D_CAN interchangeably to reference this
peripheral.
(5)
The letter Q refers to AEC Q100 qualification for automotive applications.
5.1 Related Products
For information about similar products, see the following links:
TMS320F2807x Microcontrollers
The F2807x series offers the most performance, largest pin counts, flash memory sizes, and peripheral options.
The F2807x series includes the latest generation of accelerators, ePWM peripherals, and analog technology.
TMS320F28004x Microcontrollers
The F28004x series is a reduced version of the F2807x series with the latest generational enhancements. The
F28004x series is the best roadmap option for those using the F2806x series. InstaSPIN-FOC and configurable
logic block (CLB) versions are available.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com