Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 12Page - Texas Instruments TMS320F28076PZP Datasheet HTML 13Page - Texas Instruments TMS320F28076PZP Datasheet HTML 14Page - Texas Instruments TMS320F28076PZP Datasheet HTML 15Page - Texas Instruments TMS320F28076PZP Datasheet HTML 16Page - Texas Instruments TMS320F28076PZP Datasheet HTML 17Page - Texas Instruments TMS320F28076PZP Datasheet HTML 18Page - Texas Instruments TMS320F28076PZP Datasheet HTML 19Page - Texas Instruments TMS320F28076PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO34
0, 4, 8, 12
70
–
I/O
General-purpose input/output 34
OUTPUTXBAR1
1
O
Output 1 of the output XBAR
EM1CS2
2
O
External memory interface 1 chip select 2
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
GPIO35
0, 4, 8, 12
71
–
I/O
General-purpose input/output 35
SCIRXDA
1
I
SCI-A receive data
EM1CS3
2
O
External memory interface 1 chip select 3
SCLB
6
I/OD
I2C-B clock open-drain bidirectional port
GPIO36
0, 4, 8, 12
83
–
I/O
General-purpose input/output 36
SCITXDA
1
O
SCI-A transmit data
EM1WAIT
2
I
External memory interface 1 Asynchronous SRAM WAIT
CANRXA
6
I
CAN-A receive
GPIO37
0, 4, 8, 12
84
–
I/O
General-purpose input/output 37
OUTPUTXBAR2
1
O
Output 2 of the output XBAR
EM1OE
2
O
External memory interface 1 output enable
CANTXA
6
O
CAN-A transmit
GPIO38
0, 4, 8, 12
85
–
I/O
General-purpose input/output 38
EM1A0
2
O
External memory interface 1 address line 0
SCITXDC
5
O
SCI-C transmit data
CANTXB
6
O
CAN-B transmit
GPIO39
0, 4, 8, 12
86
–
I/O
General-purpose input/output 39
EM1A1
2
O
External memory interface 1 address line 1
SCIRXDC
5
I
SCI-C receive data
CANRXB
6
I
CAN-B receive
GPIO40
0, 4, 8, 12
87
–
I/O
General-purpose input/output 40
EM1A2
2
O
External memory interface 1 address line 2
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
GPIO41
0, 4, 8, 12
89
51
I/O
General-purpose input/output 41. For applications using the
Hibernate low-power mode, this pin serves as the
GPIOHIBWAKE signal. For details, see the Low Power Modes
section of the System Control chapter in the TMS320F2807x
Microcontrollers Technical Reference Manual.
EM1A3
2
O
External memory interface 1 address line 3
SCLB
6
I/OD
I2C-B clock open-drain bidirectional port
GPIO42
0, 4, 8, 12
130
73
I/O
General-purpose input/output 42
SDAA
6
I/OD
I2C-A data open-drain bidirectional port
SCITXDA
15
O
SCI-A transmit data
USB0DM
Analog
I/O
USB PHY differential data
GPIO43
0, 4, 8, 12
131
74
I/O
General-purpose input/output 43
SCLA
6
I/OD
I2C-A clock open-drain bidirectional port
SCIRXDA
15
I
SCI-A receive data
USB0DP
Analog
I/O
USB PHY differential data
GPIO44
0, 4, 8, 12
113
–
I/O
General-purpose input/output 44
EM1A4
2
O
External memory interface 1 address line 4
GPIO45
0, 4, 8, 12
115
–
I/O
General-purpose input/output 45
EM1A5
2
O
External memory interface 1 address line 5
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com